Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE16V8Q-25SC5 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # PALCE16V8Q-25SC5
Description  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8Q-25SC5 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button PALCE16V8Q-25SC5 Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 9Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 10Page - Advanced Micro Devices PALCE16V8Q-25SC5 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AMD
2-42
PALCE16V8 Family
Power-Up Reset
All flip-flops power up to a logic LOW for predictable sys-
tem initialization. Outputs of the PALCE16V8 will de-
pend on whether they are selected as registered or
combinatorial. If registered is selected, the output will be
HIGH. If combinatorial is selected, the output will be a
function of the logic.
Register Preload
The register on the PALCE16V8 can be preloaded from
the output pins to facilitate functional testing of complex
state machine designs. This feature allows direct load-
ing of arbitrary states, making it unnecessary to cycle
through long test vector sequences to reach a desired
state. In addition, transitions from illegal states can be
verified by loading illegal states and observing proper
recovery.
Security Bit
A security bit is provided on the PALCE16V8 as a deter-
rent to unauthorized copying of the array configuration
patterns. Once programmed, this bit defeats readback
and verification of the programmed pattern by a device
programmer, securing proprietary designs from com-
petitors. The bit can only be erased in conjunction with
the array during an erase cycle.
Electronic Signature Word
An electronic signature word is provided in the
PALCE16V8 device. It consists of 64 bits of programm-
able memory that can contain user-defined data. The
signature data is always available to the user independ-
ent of the security bit.
Programming and Erasing
The PALCE16V8 can be programmed on standard logic
programmers. It also may be erased to reset a previ-
ously configured device back to its virgin state. Erasure
is automatically performed by the programming hard-
ware. No special erase operation is required.
Quality and Testability
The PALCE16V8 offers a very high level of built-in qual-
ity. The erasability of the device provides a direct means
of verifying performance of all AC and DC parameters.
In addition, this verifies complete programmability and
functionality of the device to provide the highest pro-
gramming yields and post-programming functional
yields in the industry.
Technology
The high-speed PALCE16V8 is fabricated with AMD’s
advanced electrically erasable (EE) CMOS process.
The array connections are formed with proven EE cells.
Inputs and outputs are designed to be compatible with
TTL devices. This technology provides strong input
clamp diodes, output slew-rate control, and a grounded
substrate for clean switching.
PCI Compliance
The PALCE22V10H-7/10 is fully compliant with the
PCI
Local Bus Specification published by the PCI Special In-
terest Group. The PALCE22V10H-7/10’s predictable
timing ensures compliance with the PCI AC specifica-
tions independent of the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com