Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN450P Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN450P
Description  THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN450P Datasheet(HTML) 5 Page - STMicroelectronics

  VN450P Datasheet HTML 1Page - STMicroelectronics VN450P Datasheet HTML 2Page - STMicroelectronics VN450P Datasheet HTML 3Page - STMicroelectronics VN450P Datasheet HTML 4Page - STMicroelectronics VN450P Datasheet HTML 5Page - STMicroelectronics VN450P Datasheet HTML 6Page - STMicroelectronics VN450P Datasheet HTML 7Page - STMicroelectronics VN450P Datasheet HTML 8Page - STMicroelectronics VN450P Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTIONS AND DIAGNOSTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TTSD
Thermal Shut-down
Temperature
150
170
190
oC
TTR
Thermal Reset
Temperature
135
oC
TRSD
(HYST)
Thermal Hysteresis
5
15
30
oC
VENOL
Output Voltage
Authorizing Openload
Detection
8V
≤ VCC ≤ 36V
5.2
6.6
8
V
IOL
Open Load Current
Level
Channels 1,2
8V
≤ VCC ≤ 18V
Channels 3
8V
≤ VCC ≤ 30V
100
5
450
50
800
100
mA
mA
IOV
Over Current
R1
≤10 mΩ
channels 1,2
R1
≤10 mΩ
channel 3
10
2
18
3.5
A
A
IAV
Average Current in
Short Circuit
R1
≤10 mΩ
TCase =85
oC
channels 1,2
channel 3
3.4
2
A
A
VSTAT1,2,3 Status Output Voltage
ISTAT = 1.6 mA (Fault Condition)
0.4
V
VSCL1,2,3
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = -10 mA
5.5
6
-0.7
7V
V
tPOL
Status Delay
(
∗) (see figure 1)
50
300
950
µs
tPOVL
Status Delay
(
∗) (see figure 1)
10
µs
VDEMAG
Turn-off Output Clamp
Voltage
IOUT1 = 2 A
L = 1 mH
VIN1 = 0
IOUT2 = 2 A
L = 1 mH
VIN2 = 0
IOUT3 = 0.5 A
L = 1 mH
VIN3 = 0
VCC-45 VCC-50 VCC-55
V
(
∗) ISO definitions TPOL = Status delay in case of open load conditions
TPOVL = Status delay in case of over load conditions
VN450
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com