Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPAC-3000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPAC-3000
Description  Distributed Programmable Automation Controller with HSL and Motionnet Buses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPAC-3000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPAC-3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8-6
www.adlinktech.com
Battery backup to
protect data
Motionnet Bus
PS/2 port for keyboard/mouse
USB 2.0 x 2
Dual LAN 10/100 Base-T
HSL Bus
DPAC-3000 Series
Distributed Programmable Automation Controller with HSL and Motionnet Buses
(Intel® Atom™ N270 1.6 GHz CPU)
Specifications
Model Number
System
CPU
Hardware
Cache
System Memory
Battery Backup SRAM
BIOS
Programmable Button
Digital Display
Internal Storage
External Storage
VGA
Watchdog Timer
HSL Bus (Distributed I/O)
(Step Technica)
Motionnet Bus
(Distributed Motion)
(NPM)
GPIO
Keyboard/Mouse
Communication USB
Ethernet
COM Port
Environment
Humidity
Operating Temperature
Vibration Protection
(In Operation Test)
Shock Protection
(In Operation Test)
General
Certification
Mounting
Power Input
Power Consumption
Dimensions
Embedded OS
CoDeSys (SoftPLC) Run Time
DPAC-3000-1N
DPAC-3000-11
Intel® Atom™ N270, FSB 533, 1.6 GHz
512 KB L2 cache
1 GB DDR2 SDRAM
264 Kb, battery model: CR2032 (Recommended)
Award BIOS, support PnP, customized by ADLINK
4 (Specifc function can be programmed by users)
5 digits, user programmable
CompactFlash, 4 GB
CompactFlash Type I, optional
CRT: 2048 x 1536 resolution @ 70 Hz (QXGA);
LCD: Single or dual channel 18-bit TFT with resolution from
640 x 480 (VGA) up to 1600 x 1200 (UXGA)
Programmable timer ranges to generate RESET
One port support 12M/6M/3M bps full duplex
One port support 20M bps (Max.)
4 DI/4 DO onboard (Support one 32-bit counter up to 20 KHz)
Combined PS/2 type mini-DIN connectors
2 USB ports, rev 2.0 compliant
Dual LAN, 10/100 Base-T RJ-45 ports
COM1 supports RS-232; COM2 supports RS-232/RS-422/RS-485
with DB-9 connectors (RS-485 with auto data flow control)
95% @ 60°C
0 - 60°C @ 5% - 85% RH
IEC 68 2-64 (Random 3 axes, 30 min/axis)
CompactFlsh: 5 Grms @ 5 - 500Hz
IEC 68 2-27
CompactFlsh: 100 G @ wall mount, half sine, 11 ms
CE/FCC Class A
Wall mounting, vertical placement
10 VDC - 30 VDC, 2.55 A, 30 W with 3-pin connector
30 W (Typical), Isolation
162 mm (H) x 150 mm (D) x 50 mm (W) (Vertical placement)
Windows® XP Embedded (English version)
No
Yes
External CompactFlash
slot for data storage
DPAC
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.


Similar Part No. - DPAC-3000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
Miniature Rack and Panel
logo
Sensata Technologies, I...
DPA SENSATA-DPA Datasheet
355Kb / 3P
PCB MOUNT
logo
Festo Corporation.
DPA-100-10 FESTO-DPA-100-10 Datasheet
100Kb / 1P
Pressure booster
DPA-100-10-A FESTO-DPA-100-10-A Datasheet
100Kb / 1P
Pressure booster
DPA-100-10-CRVZS20 FESTO-DPA-100-10-CRVZS20 Datasheet
104Kb / 1P
Pressure booster
More results

Similar Description - DPAC-3000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
UCODE HSL
October 2003
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
Distributed Power Hot-Swap Controller
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
Distributed Power Hot-Swap Controller
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
Distributed Power Hot-Swap Controller
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
UCODE HSL
October 2003
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
UCODE HSL
Rev. 3.1-9 July 2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com