Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5535IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535IPW
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV5535IPW Datasheet HTML 15Page - Texas Instruments TLV5535IPW Datasheet HTML 16Page - Texas Instruments TLV5535IPW Datasheet HTML 17Page - Texas Instruments TLV5535IPW Datasheet HTML 18Page - Texas Instruments TLV5535IPW Datasheet HTML 19Page - Texas Instruments TLV5535IPW Datasheet HTML 20Page - Texas Instruments TLV5535IPW Datasheet HTML 21Page - Texas Instruments TLV5535IPW Datasheet HTML 22Page - Texas Instruments TLV5535IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV5535 EVALUATION MODULE
TLV5535 EVM settings
clock input settings
REFERENCE
DESIGNATOR
FUNCTION
W1
Clock selection switch
1–2 J11: clock from pin1 on J11 connector
2–3 J9: clock from J9 SMA connector
W2
Clock source switch
J XTL: clock from onboard crystal oscillator
j CLK: clock from pin 1 on J11 connector (if W1/1–2) or J9 SMA connector (if W1/2–3)
NOTE: If set to XTL and a XTL oscillator is populated, no clock signal should be applied to J9 or J11, depending on the W1
setting.
W3
Clock output switch
1–2 Rising: clock output on J11 connector is the same phase as the clock to the digital output buffer. Data changes on rising
CLK edge.
2–3 Falling: clock output on J11 connector is the opposite phase as the digital output buffer. Data changes on falling CLK edge.
reference settings
REFERENCE
DESIGNATOR
FUNCTION
SW1
REFT external/internal switch
Jj REFT internal: REFT from TLV5535 internal reference
jJ REFT external: REFT from onboard voltage reference circuit
SW2
REFB external/internal switch
Jj REFB internal: REFB from TLV5535 internal reference
jJ REFB external: REFB from onboard voltage reference circuit
control settings
REFERENCE
DESIGNATOR
FUNCTION
W4
TLV5535 and digital output buffer output enable control (1)
J 5535-574 OE-connected: Connects OEs of TLV5535 and digital output buffer (574 buffer). Use this when no
board-external OE is used. In addition, close W5 to have both OEs permanently enabled.
j 5535-574 OE-disconnected: Disconnects OEs of TLV5535 and digital output buffer (574 buffer). The OE for the output
buffer needs to be pulled low from pin 5 on J11 connector to enable. The OE for TLV5535 is independently controlled from
pin 7 on J11 connector (W5 open) or is permanently enabled if W5 is closed.
W5
TLV5535 and digital output buffer output enable control (2)
J 5535 OE to GND: Connects OEs of TLV5535 to GND. Additionally connects OE of 74ALS574 to GND if W4 is 5535-574
OE-connected.
j 5535 OE external: Enables control of OE of TLV5535 via pin 7 on J11 connector. When taken high (internal pulldown)
the output can be disabled.
W6
TLV5535 STDBY control
J Stdby: STDBY is active (high).
j Active: STDBY is low, via internal pulldown. STDBY can be taken high from pin 9 on J11 connector to enable standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com