Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3532 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3532
Description  MicroPower??Microprocessor Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3532 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3532 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AAT3532
MicroPower™ Microprocessor Reset Circuit
3532.2001.11.0.9
1
PowerManager™
General Description
The AAT3532 PowerManager™ product is a mem-
ber of AATI’s Total Power Management ICs™
(TPMIC™) product family. It is a fully integrated
device for monitoring microprocessor activity,
external reset, and power supply conditions. The
device holds the microprocessor in a reset condi-
tion for a minimum of 250ms while VCC is estab-
lished to ensure correct system start-up. A manual
reset can be initiated via a de-bounced input pin.
As an additional level of protection, the AAT3532
includes a watchdog timer which requires a period-
ic strobe input from the microprocessor to ensure
correct operation. The AAT3532 has a programma-
ble watchdog timer and voltage tolerance level.
The quiescent supply current is extremely low, typ-
ically 23µA.
The AAT3532 is available in an 8-pin SOP package
specified over -40° to 85°C temperature range.
Features
•
Adjustable 4.5V or 4.75V Voltage Monitor
•
250ms (min) Reset Pulse Width
•
Low quiescent current: typically 23µA
•
Adjustable Watchdog Timer (150ms, 600ms,
or 1200ms)
•
De-bounced Manual Reset Input
•
Operates down to 20ns strobe input pulse
width
•
No external components
•
Temp range -40° to 85°C
•
Standard 8 pin SOP package
•
Pin compatible with MAX1232
Applications
•
Computers
•
Controllers
•
Telecom Equipment
•
Embedded Systems
•
Intelligent Instrumentation
•
Automotive
Typical Application
AAT3532
V
CC
RST
GND
RST
RESET
INPUT
µP
V
DD
V
DD
I/O
ST
PBRST
TD
TOL


Similar Part No. - AAT3532

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
2005.12.1.2
logo
Skyworks Solutions Inc.
AAT3532 SKYWORKS-AAT3532 Datasheet
580Kb / 8P
MicroPowerTM Microprocessor Reset Circuit
August 8, 2012
logo
Advanced Analog Technol...
AAT3532IAS-T1 AAT-AAT3532IAS-T1 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
2005.12.1.2
logo
Advanced Analogic Techn...
AAT3532IAS-T1 ANALOGICTECH-AAT3532IAS-T1 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Skyworks Solutions Inc.
AAT3532IAS-T1 SKYWORKS-AAT3532IAS-T1 Datasheet
580Kb / 8P
MicroPowerTM Microprocessor Reset Circuit
August 8, 2012
More results

Similar Description - AAT3532

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
MicroPower Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
2005.12.1.2
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com