Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4608 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4608
Description  Current Limited Load Switch in SOT-23 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4608 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4608 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4608 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SmartSwitch™
General Description
The AAT4608 SmartSwitch™ is a member of
AnalogicTech's
Application
Specific
Power
MOSFET™ (ASPM™) product family. It is a Current
Limited P-channel MOSFET power switch designed
for high-side load-switching applications. This switch
operates with inputs ranging from 2.7V to 5.5V, mak-
ing it ideal for both 3V and 5V systems. An inte-
grated current-limiting circuit protects the input sup-
ply against large currents which may cause the sup-
ply to fall out of regulation. The AAT4608 is also pro-
tected from thermal overload which limits power dis-
sipation and junction temperatures. It can be used
to control loads that require up to 1 A. Current limit
threshold is programmed with a resistor from SET to
ground. The quiescent supply current is typically a
low 15µA max.
The AAT4608 is available in a 5 pin SOT-23 spec-
ified over -40 to 85°C.
Features
•
2.7V to 5.5V Input voltage range
•
Programmable over current threshold
•
Fast transient response:
•
<1µs response to short circuit
•
Low quiescent current
•
15µA typical
•
1µA max with Switch off
•
160m
Ω typical R
DS(ON)
•
Undervoltage Lockout
•
Thermal shutdown
•
Temp range -40 to 85°C
•
4kV ESD Rating
•
5 pin SOT-23 package
Applications
•
Peripheral ports
•
Notebook computers
•
Personal communication devices
•
Hot swap supplies
AAT4608
Current Limited Load Switch in SOT-23 Package
Typical Application
AAT4608
5
2
3
1
IN
SET
INPUT
GND
GND
GND
OUT
SOT-23
OUTPUT
0.47
µF
RSET
1
µF
4608.2001.10.0.9
1


Similar Part No. - AAT4608

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
Current Limited Load Switch in SOT23 Package
2006.05.1.3
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
May 3, 2012
logo
Advanced Analog Technol...
AAT4608IGV-T1 AAT-AAT4608IGV-T1 Datasheet
135Kb / 8P
Current Limited Load Switch in SOT23 Package
2006.05.1.3
logo
Skyworks Solutions Inc.
AAT4608IGV-T1 SKYWORKS-AAT4608IGV-T1 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
AAT4608IGV-T1 SKYWORKS-AAT4608IGV-T1 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
May 3, 2012
More results

Similar Description - AAT4608

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611 Datasheet
426Kb / 12P
Current Limited Load Switch in SOT-23 Package
logo
Advanced Analog Technol...
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
Current Limited Load Switch in SOT23 Package
2006.05.1.3
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
Current Limited Load Switch in SOT23 Package
2006.09.1.4
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4611 ANALOGICTECH-AAT4611_06 Datasheet
243Kb / 10P
Current Limited Load Switch in SOT23 Package
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com