Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC2T45DP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74AVC2T45DP
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45DP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74AVC2T45DP Datasheet HTML 17Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 18Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 19Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 20Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 21Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 22Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 23Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 24Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
21 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Fig 15. Package outline SOT996-2 (XSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT996-2
sot996-2_po
07-12-21
12-11-20
Unit(1)
mm
max
nom
min
0.5
0.05
0.00
2.1
1.9
3.1
2.9
0.5
0.3
0.15
0.05
0.6
0.4
0.5
1.5
0.05
A
Dimensions (mm are the original dimensions)
XSON8: plastic extremely thin small outline package; no leads;
8 terminals; body 3 x 2 x 0.5 mm
SOT996-2
A1
b
0.35
0.15
DE
e
e1
LL1
L2
v
0.1
wy
0.05
y1
0.1
0
1
2 mm
scale
C
y
C
y1
X
terminal 1
index area
B
A
D
E
detail X
A
A1
b
14
85
e1
e
A
C
B
v
C
w
L2
L1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com