Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC2T45GS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AVC2T45GS
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GS Datasheet(HTML) 3 Page - NXP Semiconductors

  74AVC2T45GS Datasheet HTML 1Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 2Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
3 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag577
DIR
1B
2B
7
6
1A
2A
5
2
3
VCC(A)
VCC(B)
001aag578
DIR
1B
2B
1A
2A
VCC(A)
VCC(B)
Fig 3.
Pin configuration SOT505-2 and SOT765-1
74AVC2T45
VCC(A)
VCC(B)
1A
1B
2A
2B
GND
DIR
001aag579
1
2
3
4
6
5
8
7
Fig 4.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
Fig 5.
Pin configuration SOT996-2
74AVC2T45
2B
1B
VCC(B)
DIR
2A
1A
VCC(A)
GND
001aag580
36
27
18
45
Transparent top view
001aai261
74AVC2T45
Transparent top view
8
7
6
5
1
2
3
4
VCC(A)
1A
2A
GND
VCC(B)
1B
2B
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com