Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC14D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC14D
Description  Hex inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC14D Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC14D Datasheet HTML 1Page - NXP Semiconductors 74HC14D Datasheet HTML 2Page - NXP Semiconductors 74HC14D Datasheet HTML 3Page - NXP Semiconductors 74HC14D Datasheet HTML 4Page - NXP Semiconductors 74HC14D Datasheet HTML 5Page - NXP Semiconductors 74HC14D Datasheet HTML 6Page - NXP Semiconductors 74HC14D Datasheet HTML 7Page - NXP Semiconductors 74HC14D Datasheet HTML 8Page - NXP Semiconductors 74HC14D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC14; 74HCT14 is a high-speed Si-gate CMOS device and is pin compatible with
Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7A.
The 74HC14; 74HCT14 provides six inverting buffers with Schmitt-trigger action. It is
capable of transforming slowly changing input signals into sharply defined, jitter-free
output signals.
2.
Features and benefits
Low-power dissipation
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Applications
Wave and pulse shapers
Astable multivibrators
Monostable multivibrators
74HC14; 74HCT14
Hex inverting Schmitt trigger
Rev. 6 — 19 September 2012
Product data sheet


Similar Part No. - 74HC14D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC14D PHILIPS-74HC14D Datasheet
120Kb / 23P
Hex inverting Schmitt trigger
2003 Oct 30
74HC14D NXP-74HC14D Datasheet
167Kb / 21P
Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Toshiba Semiconductor
74HC14D TOSHIBA-74HC14D Datasheet
160Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
logo
Nexperia B.V. All right...
74HC14D NEXPERIA-74HC14D Datasheet
268Kb / 16P
Hex inverting Schmitt trigger
Rev. 9 - 13 August 2021
logo
NXP Semiconductors
74HC14D-Q100 PHILIPS-74HC14D-Q100 Datasheet
179Kb / 21P
Hex inverting Schmitt trigger
Rev. 4-19 April 2013
More results

Similar Description - 74HC14D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
Hex inverting Schmitt trigger
1999 Sep 27
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com