Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXMF1019 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1019
Description  Switched Multi-Channel Amplifi er
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1019 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1019 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Range
Receive Gain
CAL Path Gain
Noise Figure
1 dB Compression
Single-Tone Spurious Free Dynamic Range
Phase Tracking Delta (Electrical Degrees)
Amplitude Tracking (Channel to Channel)
Out Of Band Rejection
Reverse Isolation
Channel to Channel Isolation
Switching Speed (50% TTL to 90% / 10% RF)
VSWR
Switching Isolation (ON to OFF)
DC Power
Housing Size
RF Connectors
Operating Case Temp. (Min./Max. Values)
500 to 2000 MHz
16 dB
10 dB
8 dB
+10 dBm
45 dB
12o at any frequency
2 dB Variation Between Channels
30 dB
40 dB
60 dB
200 nsec
2.0:1
50 dB
+6.5v / 250 mA, -15v / 50 mA
500 to 2000 MHz
-
-
-
-
-
-
-
-
-
-
-
-
-
4.5 “ x 2.5 “ x 0.65 “
Field Replaceable SMA Connectors
-40°C to +85°C
Spectrum Microwave offers state-of-the-art multi-channel amplifiers used in demanding military frequency calibration systems. These 2,
3, and 4 channel modules are all phase matched, amplitude matched and offer both single and multiple path logic. These units allow the
engineer to either distribute an amplified signal to multiple ports, or measure the amplified output from up to 4 auxiliary ports.
Storage Temperature
Operating Temperature
DC Voltage @ 25°C
Input Drive @ 25°C
FEATURES
• Phase Matched
• Amplitude Matched
• Built-in Input Drive Protection
• High Channel to Channel Isolation
• 2 Channel Design
Switched Multi-Channel Amplifier
500-2000 MHz
Model BXMF1019
Parameter
Typical
Min./Max.
Spectrum Microwave, Inc. • PH: 888.553.7531 • Fax: 888.553.7532 • Email: sales@SpectrumMicrowave.com • www.SpectrumMicrowave.com
Maximum (No Damage) Ratings
-65°C to +125°C
-55°C to +100°C
+/-18 VDC
+20 dBm


Similar Part No. - BXMF1019

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1010 APITECH-BXMF1010 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1011 APITECH-BXMF1011 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1012 APITECH-BXMF1012 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1013 APITECH-BXMF1013 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1014 APITECH-BXMF1014 Datasheet
159Kb / 1P
Frequency Multiplier (x2 to x48)
More results

Similar Description - BXMF1019

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXMF1020 APITECH-BXMF1020 Datasheet
37Kb / 1P
Switched Multi-Channel Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
Microwave Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
RF Amplifi er
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com