Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC/HCT541 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC/HCT541
Description  Octal buffer/line driver; 3-state
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC/HCT541 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC/HCT541 Datasheet HTML 1Page - NXP Semiconductors 74HC/HCT541 Datasheet HTML 2Page - NXP Semiconductors 74HC/HCT541 Datasheet HTML 3Page - NXP Semiconductors 74HC/HCT541 Datasheet HTML 4Page - NXP Semiconductors 74HC/HCT541 Datasheet HTML 5Page - NXP Semiconductors 74HC/HCT541 Datasheet HTML 6Page - NXP Semiconductors 74HC/HCT541 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT541
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6 Waveforms showing the input (An) to output (Yn) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the 3-state enable and disable times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com