Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF1260A-R47Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF1260A-R47Y
Description  Dual-Winding Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1260A-R47Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF1260A-R47Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1260A-R47Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USER DIRECTION OF FEED
400
(15.75)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
START
4.0
(.157)
16.0
(.630)
END
SRF0504 Series - Line Filter
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY: 400 PCS. PER REEL
SRF1260A Series - Dual-Winding Shielded Power Inductors
26 +0
(1.024 +0)
30.4
(1.197)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.97 -0)
330
(12.99)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0
± 0.8
(.827
± .031)
24.0
(.945)
Soldering Profile
200
Max. Peak Temperature -5
30 sec. max.
Max. Time Above 217
: 60~150 sec. max.
Peak Temperature 245
max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 245 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
0
8/13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com