Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G97GS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G97GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G97GS Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G97GS Datasheet HTML 1Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74LVC1G97
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2011
2 of 20
NXP Semiconductors
74LVC1G97
Low-power configurable multiple function gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G97GW
40 Cto+125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G97GV
40 Cto+125 C
SC-74
plastic surface mounted package; 6 leads
SOT457
74LVC1G97GM
40 Cto+125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G97GF
40 Cto+125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G97GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G97GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74LVC1G97GW
YV
74LVC1G97GV
Y97
74LVC1G97GM
YV
74LVC1G97GF
YV
74LVC1G97GN
YV
74LVC1G97GS
YV
Fig 1.
Logic symbol
001aad998
A
Y
4
B
C
3
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com