Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4644 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4644
Description  4-Channel Current Limited Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4644 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4644 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4644 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SmartSwitch™
AAT4644
4-Channel Current Limited Load Switch
4644.2002.01.0.92
1
General Description
The AAT4644 is a four-channel resettable fuse. It
utilizes independent current-limited and thermally
protected P-channel MOSFETs to protect against
short circuits. Each switch's current limit is factory
programmed at 1A. Additional protection is provid-
ed with undervoltage lockout; the switches are
turned off when the input voltage drops below a
preset level. The quiescent supply current is typi-
cally 20µA.
The AAT4644 is a flexible solution,
allowing system designers to gang outputs togeth-
er for lower RDS(ON) and higher current limit.
The AAT4644 is available in 8 pin TSSOP or SOP
packages, specified over -40 to 85°C.
Features
•
500mA per channel steady state
•
4 X 1A current limit trip point
•
Over-temp protection
•
Fast transient response:
•
1µs (typ) response to short circuit
•
100m
Ω typical R
DS(ON)
•
Undervoltage Lockout
•
Temp range -40 to 85°C
•
8 pin TSSOP or SOP packages
Applications
•
USB ports
•
Peripheral ports
•
Desktop PCs
Typical Application
AAT4644
2,7
1
3
8
6
4
IN
INPUT
3.3V - 5V
GND
OUT1
OUT2
OUT3
OUT4
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4


Similar Part No. - AAT4644

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
4644.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
logo
Skyworks Solutions Inc.
AAT4644 SKYWORKS-AAT4644 Datasheet
423Kb / 9P
4-Channel Current Limited Load Switch
May 16, 2012
logo
Advanced Analog Technol...
AAT4644IAS-T1 AAT-AAT4644IAS-T1 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
4644.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4644IAS-T1 ANALOGICTECH-AAT4644IAS-T1 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
More results

Similar Description - AAT4644

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
4644.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com