Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4670 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4670
Description  Dual-Input, Dual-Output Load Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4670 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4670 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4670 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SmartSwitch™
AAT4670
Dual-Input, Dual-Output Load Switches
4670.2002.1.0.92
1
General Description
The AAT4670 SmartSwitch™ is part of the Analogic
Tech
Application
Specific
Power
MOSFET
(ASPM™) line of products. The AAT4670 consists
of dual, independent, 1A current limited, slew rate
controlled P-channel MOSFET power switches with
a dedicated source and drain pin assigned to each
switch. The internal circuitry automatically derives
power from the higher of the two input power source
pins with a low operating quiescent current of 18µA.
In shutdown mode, the supply current decreases to
less than 1µA. The switches operate with inputs
ranging from 2.2V to 5.5V, making them ideal for
2.5V, 3V and 5V systems. The dual configuration
permits integration of the load switch function for
systems
with
two
different
power
busses.
Independent under voltage lockout circuits will shut
down the corresponding switch if its input voltage
falls below the under voltage lockout threshold. If
the die temperature reaches the thermal limit, both
switches thermal cycle off and on indefinitely without
damage until the thermal condition is removed. An
open drain FAULT output signals an over current or
over temperature condition for each channel. Input
logic levels are TTL compatible.
The AAT4670 is available in 8 pin SOP, TSSOP or
MSOP specified over -40 to 85 °C temperature
range.
Features
•
2.2V to 5.5V input voltage range
•
1A current limit per channel
•
95m
Ω typical R
DS(ON)
•
Fast transient response:
•
< 1µs response to short circuit
•
Low 18µA quiescent current
•
1µA max with Switches off
•
Slew rate controlled
•
Thermal shutdown
•
Fault flags with 3ms blanking
•
Under voltage lockout
•
Temp range -40 to 85ºC
•
8-pin SOP, TSSOP or MSOP packages
Applications
•
Notebook Computer
•
PDA, Subnotebook
•
USB ports
•
Peripheral ports
•
Hot swap supplies
•
Media bay
Typical Application
INA
CINA
1
µF
CINB
1
µF
INB
EN
FAULTA
OUTA
GND
AAT4670
7
6
1
4
8
INA
INB
GND
GND
OUTA
EN
FAULTA
FAULTB
FAULTB
OUTB
5
OUTB
2
3
COUTA
1
µF
COUTB
1
µF


Similar Part No. - AAT4670

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
logo
Skyworks Solutions Inc.
AAT4670 SKYWORKS-AAT4670 Datasheet
943Kb / 10P
Dual-Input, Dual-Output Load Switch
April 26, 2012
logo
Advanced Analog Technol...
AAT4670IAS-T1 AAT-AAT4670IAS-T1 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670IAS-T1 ANALOGICTECH-AAT4670IAS-T1 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
More results

Similar Description - AAT4670

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
logo
STMicroelectronics
AN2683 STMICROELECTRONICS-AN2683 Datasheet
598Kb / 38P
Compact dual output point of load converter
15-Apr-2008
logo
International Rectifier
ML1000605D IRF-ML1000605D_15 Datasheet
875Kb / 17P
100V Input, Dual Output
logo
Texas Instruments
TPS22960 TI1-TPS22960_16 Datasheet
1Mb / 28P
Low-Input Voltage, Dual-Load Switch
logo
Maxim Integrated Produc...
MAX6685 MAXIM-MAX6685 Datasheet
108Kb / 7P
Dual-Output Remote-Junction Temperature Switches
Rev 2; 4/03
logo
Kinetic Technologies.
KTS1656 KINETIC-KTS1656 Datasheet
134Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
January 2020 - Revision 04a
KTS1678B KINETIC-KTS1678B Datasheet
134Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04d
KTS1678C KINETIC-KTS1678C Datasheet
839Kb / 14P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04h
KTS1679 KINETIC-KTS1679 Datasheet
121Kb / 2P
Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 03e
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com