Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1585AT Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1585AT
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1585AT Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1585AT Datasheet HTML 1Page - Sipex Corporation SPX1585AT Datasheet HTML 2Page - Sipex Corporation SPX1585AT Datasheet HTML 3Page - Sipex Corporation SPX1585AT Datasheet HTML 4Page - Sipex Corporation SPX1585AT Datasheet HTML 5Page - Sipex Corporation SPX1585AT Datasheet HTML 6Page - Sipex Corporation SPX1585AT Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Date: 04/29/04
SPX1585
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Input Voltage........................................................ 10V
Storage Temperature Range ............................ -65° to +150°C
Input to Output Voltage Differential .................... 10V
Operating Junction Temperature Range
SPX1585 Control Section.......................... -45°C +125°C
SPX1585 Power Transistor.........................-45°C +150°C
ELECTRICAL CHARACTERISTICS (NOTE 1) at IOUT = 10mA, TA=25°C, unless otherwise specified.
PARAMETER
CONDITIONS
Typ
SPX1585A
SPX1585
UNITS
Min
Max
Min
Max
1.5V Version
1.485
1.515
1.47
1.53
V
Output Voltage (Note 2)
SPX1585-1.5V, 0 < IOUT < 5A, 3.3V<VIN<10V
1.5
1.47
1.53
1.455
1.545
2.5V Version
2.475
2.525
2.45
2.55
V
Output Voltage (Note 2)
SPX1585-2.5V, 0 < IOUT < 5A, 4.0V<VIN<10V
2.5
2.45
2.55
2.425
2.575
3.3V Version
3.267
3.333
3.234
3.366
V
Output Voltage (Note 2)
SPX1585-3.3V, 0 < IOUT< 5A, 4.8V<VIN<10V
3.3
3.234
3.366
3.069
3.399
All Voltage Options
Reference Voltage (Vref)
1.250
1.225
1.270
1.225
1.270
V
VIN
≤ 7V, P≤ PMAX
1.5V
≤ (VIN -VOUT)≤5.75V, 10mA≤IOUT≤5A
Min. Load Current (Note 3)
1.5V
≤ (VIN –VOUT)≤5.75V
5
10
10
V
Line Regulation (
∆Vref(Vin))
2.75V
≤VIN ≤7V, Iout=10mA, TJ=25ºC
(Note 3)
0.005
0.2
0.2
VIN
≤7V, IOUT=0mA, TJ=25ºC (Note 2)
0.005
0.2
0.2
%
10mA
≤IOUT ≤5A, (VIN-VOUT)=3V, TJ=25ºC (Note 3)
0.05
0.3
0.3
Load Regulation(
∆Vref(Iout))
0
≤IOUT ≤5A, VIN=7V, TJ=25ºC (Note 2)
0.05
0.3
0.3
%
Dropout Voltage
∆VREF=1%
IOUT = 5A (Note 3)
IOUT < 5A (Note 2)
1.1
1.2
1.2
VIN=7V
6
5.2
5.2
A
Current Limit
Iout(MAX)
1.4V
≤ (VIN - VOUT) (Note3)
Long Term Stability
TA=125ºC, 1000 Hrs.
0.3
(Note 2)
1
1
%
Thermal Regulation
(
∆Vout(Pwr))
TA=25ºC, 20 ms pulse
0.01
0.020
0.020
%/W
Temperature Stability
(
∆Vout(T))
0.25
%
Output Noise, RMS
10Hz to 10kHz
TA=25ºC
0.003
% Vo
3.0
3.0
TO-220
Junction to Tab
Junction to Ambient
60
60
3.0
3.0
Thermal Resistance
DD Package
Junction to Tab
Junction to Ambient
60
60
ºC/W
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: Fixed Version Only
Note 3: Adjustable Version Only



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com