Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT54SW
Description  Schottky barrier (double) diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54SW Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT54SW Datasheet HTML 1Page - NXP Semiconductors BAT54SW Datasheet HTML 2Page - NXP Semiconductors BAT54SW Datasheet HTML 3Page - NXP Semiconductors BAT54SW Datasheet HTML 4Page - NXP Semiconductors BAT54SW Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Mar 19
3
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT54W series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulsed test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOT323 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
30
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
tp < 10 ms
600
mA
Ptot
total power dissipation (per package)
Tamb ≤ 25 °C
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Tamb
operating ambient temperature
−65
+125
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.6
IF = 0.1 mA
240
mV
IF = 1mA
320
mV
IF =10mA
400
mV
IF =30mA
500
mV
IF = 100 mA
800
mV
IR
reverse current
VR = 25 V; note 1; see Fig.7
2
µA
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA: see Fig.9
5ns
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.8
10
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com