Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4680 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4680
Description  Electronic Resettable Fuse
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4680 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4680 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4680 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SmartSwitch™
General Description
The AAT4680 Electronic Resettable Fuse is part of
the AnalogicTech Application Specific Power MOS-
FET (ASPM™) line of products. It is a 1A current
limited P-channel MOSFET power device that
remains fully enhanced as long as the input power
supply is above an under voltage lockout thresh-
old, and the load is below the current limit setting.
If the load increases above the current limit setting,
as is the case during a short circuit, the MOSFET
effectively becomes a constant current source
equal to the current limit. If the current limit condi-
tion persists long enough to heat the MOSFET to
an extreme temperature, the device will thermal
cycle off and on until the current limit condition is
removed. An open drain FAULT flag signals an
over current or over temperature condition.
Quiescent current is typically a low 10µA.
The AAT4680 is available in a 5
-pin SOT-23, spec-
ified over a -40 to 85°C temperature range.
Features
•
500mA steady state load current
•
600mA minimum current limit trip point
•
Low quiescent current, typically 10µA
•
Over temperature protection
•
Fast transient response:
•
< 1µs response to short circuit
•
400m
Ω typical R
DS(ON)
•
Undervoltage Lockout
•
Temp range -40 to 85°C
•
FAULT flag with 3ms blanking
•
5
-pin SOT23 package
Applications
•
USB ports
•
Peripheral ports
•
Desktop PCs
•
Cell phone ports
AAT4680
Electronic Resettable Fuse
Typical Application
COUT
1
µF
IN
CIN
1
µF
FAULT
OUT
GND
AAT4680
5
2
1
3
INPUT
GND
GND
OUT
FAULT
4680.2001.11.0.91
1


Similar Part No. - AAT4680

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
Electronic Resettable Fuse
4680.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680 Datasheet
216Kb / 10P
Electronic Resettable Fuse
logo
Advanced Analog Technol...
AAT4680IGV-T1 AAT-AAT4680IGV-T1 Datasheet
216Kb / 10P
Electronic Resettable Fuse
4680.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4680IGV-T1 ANALOGICTECH-AAT4680IGV-T1 Datasheet
216Kb / 10P
Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
Electronic Resettable Fuse
More results

Similar Description - AAT4680

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
Electronic Resettable Fuse
4680.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
Electronic Resettable Fuse
logo
List of Unclassifed Man...
MC33196 ETC-MC33196 Datasheet
1Mb / 4P
Resettable Fuse
logo
HuaXinAn Electronics CO...
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
Resettable Fuse PTC
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
Resettable Fuse PTC
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
Resettable Fuse PTC
logo
Shanghai Yint Electroni...
SMD2920 YINT-SMD2920 Datasheet
476Kb / 4P
POLYMER RESETTABLE FUSE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com