Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4682 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4682
Description  Dual Electronic Resettable Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4682 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4682 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4682 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SmartSwitch™
General Description
The AAT4682 Dual Electronic Resettable fuse is
part of the AnalogicTech Application Specific Power
MOSFET (ASPM™) line of products. It has two 1A
current limited P-channel MOSFET power devices
that remain fully enhanced as long as the input
power supply is above an under voltage lockout
threshold, and the load is below the current limit
setting. If the load increases above the current limit
setting, as is the case during a short circuit, the
MOSFET effectively becomes a constant current
source equal to the current limit. If the current limit
condition persists long enough to heat the MOSFET
to an extreme temperature, both devices will ther-
mal cycle off and on until the current limit condition
is removed. Independent open drain FAULT flags
signal an over current or over temperature condi-
tion. Quiescent current typically is a low 10µA.
The AAT4682 is available in a 6 pin SOT-23, spec-
ified over a -40 to 85°C temperature range.
Features
•
Dual P-Channel MOSFETS
•
500mA steady state load current
•
600mA minimum current limit trip point
•
Low quiescent current, typically 10µA.
•
Over temperature protection
•
Fast transient response:
•
< 1µs response to short circuit
•
400m
Ω typical R
DS(ON)
•
Undervoltage Lockout
•
Temp range -40 to 85°C
•
FAULT flag with 2ms blanking
•
6-pin SOT23 package
Applications
•
USB ports
•
Peripheral ports
•
Desktop PCs
•
Cell phone ports
AAT4682
Dual Electronic Resettable Switches
Typical Application
COUTA
1
µF
IN
CIN
1
µF
FAULTA
OUTA
GND
AAT4682
5
2
6
INPUT
GND
GND
OUTA
FAULTA
FAULTB
FAULTB
OUTB
4
OUTB
COUTB
1
µF
3
1
4682.2001.11.0.9
1


Similar Part No. - AAT4682

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4682 AAT-AAT4682 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
4682.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4682 ANALOGICTECH-AAT4682 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
logo
Advanced Analog Technol...
AAT4682IGU-T1 AAT-AAT4682IGU-T1 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
4682.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4682IGU-T1 ANALOGICTECH-AAT4682IGU-T1 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
AAT4682 ANALOGICTECH-AAT4682_06 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
More results

Similar Description - AAT4682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
Electronic Resettable Fuse
logo
Mini-Circuits
PAS-2000 MINI-PAS-2000 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
Electronic Resettable Fuse
4680.2006.05.1.2
AAT4682 AAT-AAT4682 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
4682.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
Electronic Resettable Fuse
AAT4682 ANALOGICTECH-AAT4682_06 Datasheet
225Kb / 10P
Dual Electronic Resettable Switch
logo
American Electronic Com...
TD4PO AEC-TD4PO Datasheet
460Kb / 3P
electronic tilt switches
TLS AEC-TLS Datasheet
422Kb / 3P
electronic tilt switches
logo
Littelfuse
74601-01 LITTELFUSE-74601-01 Datasheet
471Kb / 1P
ELECTRONIC DIMMER SWITCHES
2019 Rev: 021119
75600 LITTELFUSE-75600 Datasheet
215Kb / 1P
ELECTRONIC WINDSHIELD WIPER SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com