Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BCP53
Description  80 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP53 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BCP53 Datasheet HTML 9Page - NXP Semiconductors BCP53 Datasheet HTML 10Page - NXP Semiconductors BCP53 Datasheet HTML 11Page - NXP Semiconductors BCP53 Datasheet HTML 12Page - NXP Semiconductors BCP53 Datasheet HTML 13Page - NXP Semiconductors BCP53 Datasheet HTML 14Page - NXP Semiconductors BCP53 Datasheet HTML 15Page - NXP Semiconductors BCP53 Datasheet HTML 16Page - NXP Semiconductors BCP53 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 19 October 2011
13 of 22
NXP Semiconductors
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
VCE = 2V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
Fig 15. DC current gain as a function of collector
current; typical values
Fig 16. Collector current as a function of
collector-emitter voltage; typical values
VCE = 2V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
IC/IB =10
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Fig 17. Base-emitter voltage as a function of collector
current; typical values
Fig 18. Collector-emitter saturation voltage as a
function of collector current; typical values
006aac688
100
200
300
hFE
0
IC (A)
–10–4
–10
–1
–10–3
–10–1
–10–2
(1)
(2)
(3)
VCE (V)
0
−2.0
−1.6
−0.8
−1.2
−0.4
006aaa230
−0.8
−0.4
−1.2
−1.6
IC
(A)
0
−4.5
−9
−13.5
−18
−22.5
−27
−31.5
IB (mA) = −45 −40.5 −36
006aac689
–0.4
–0.8
–1.2
VBE
(V)
0.0
IC (mA)
–10–1
–104
–103
–1
–102
–10
(1)
(2)
(3)
006aac690
–1
–10–1
–10
VCEsat
(V)
–10–2
IC (mA)
–10–1
–104
–103
–1
–102
–10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com