Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C113 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C113
Description  HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C113 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C113 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-C113 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
POLARITY
HSMF-C113
HSMF-C115
InGaN BLUE
InGaN BLUE
AlInGaP RED
AlInGaP RED
AlInGaP GREEN
InGaN GREEN
Package Dimensions
Notes:
1. All Dimensions in millimeteres (inches)
2. Tolerance is ±0.1mm (±0.004 in) unless otherwise specified
1
2
3
4
R0.50
[.020]
2.50
[.098]
2.10
[.083]
1.00
[.039]
0.50
[.020]
1.00
[.039]
Anode Mark
0.50
[.020]
0.40
[.016]
LED Dies
0.50
[.020]
0.35
[.014]
0.35
[.014]
0.30
[.012]
0.35
[.014]
0.35
[.014]
0.30
[.012]
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com