Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC2010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HVC2010
Description  High Voltage Thick Film Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HVC2010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HVC2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers HVC2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers HVC2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev Date: 01/02/2014
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVC Series
High Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Operating Temperature Range: -55ºC to +150ºC
∆R = 0.02%
∆R = 2%
Paragraph 4.2.2.4.2
MIL-PRF-55342H
IPC/EIA J-STD-002A
Paragraph 4.2.4.4
IPC/EIA J-STD-002A
MIL-PRF-55342H
Pg. 32, Paragraph 4.8.6
Solderability
Short Time Overload
IPC/EIA J-STD-002A
Pg 11, Paragraph 3.12
IPC/EIA J-STD-002A
Paragraph 4.2.4
MIL-STD-202G
Method 108A
Test Condition D
Paragraph 4.2.2
Acceptable Parameter
Load Life
Temperature Cycle (Thermal Shock)
MIL-STD-202G
Resistance to Soldering Heat
Test
Test Method
Method 107G
Test Condition A
H
Body Height (Max.)
0.063 + 0.01
/ -0.005
0.031 ± 0.005
0.020
0.010 ± 0.005
0.012 ± 0.008
inches
1.60 + 0.25
/ -0.13
0.79 ± 0.13
0.51
0.25 ± 0.13
0.30 ± 0.20
mm
0.079 + 0.01
/ -0.005
0.050 ± 0.005
0.025
0.010 ± 0.005
0.013 ± 0.008
inches
2.01 + 0.25
/ -0.13
1.27 ± 0.13
0.64
0.25 ± 0.13
0.33 ± 0.20
mm
0.126 + 0.01
/ -0.005
0.063 ± 0.005
0.030
0.010 ± 0.005
0.020 ± 0.010
inches
3.20 + 0.25
/ -0.13
1.60 ± 0.13
0.76
0.25 ± 0.13
0.51 ± 0.25
mm
0.200 + 0.01
/ -0.005
0.100 ± 0.005
0.030
0.018 ± 0.010
0.020 ± 0.010
inches
5.08 + 0.25
/ -0.13
2.54 ± 0.13
0.76
0.46 ± 0.25
0.51 ± 0.25
mm
0.250 + 0.01
/ -0.005
0.125 ± 0.005
0.030
0.020 ± 0.010
0.024 ± 0.010
inches
6.35 + 0.25
/ -0.13
3.18 ± 0.13
0.76
0.51 ± 0.25
0.61 ± 0.25
mm
0.350 + 0.01
/ -0.005
0.125 ± 0.005
0.030
0.020 ± 0.010
0.024 ± 0.010
inches
8.89 + 0.25
/ -0.13
3.18 ± 0.13
0.76
0.51 ± 0.25
0.61 ± 0.25
mm
HVC1206
HVC3512
HVC2010
HVC2512
HVC0603
HVC0805
Top Termination
b
Bottom Termination
W
Body Width
Unit
Type / Code
a
L
Body Length
Mechanical Specifications
Performance Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com