Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-BD16-RU0 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD16-RU0
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD16-RU0 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD16-RU0 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RU0 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Part Numbering System
HLMP-XXXX-XXX XX
Mechanical Options
00:BulkPackaging
DD:AmmoPack
YY:Flexi-Bin;BulkPackaging
ZZ:Flexi-Bin;AmmoPack
Color Bin
0:NoColorBinLimitation
B:Colorbin2and3only
K:Colorbins2and4only
R:ColorBins1,2,4,and6withVFmaxof2.6V
S:Colorbins2and4withVFmaxof2.6V
T:RedColorwithVFmaxof2.6V
Maximum Intensity Bin
0:NoIvBinLimitation
Minimum Intensity Bin
Tint Option
1or6:MatchingColorTints
Standoff Option
0:Without
1:With
Color
D:630nmRed
G:626nmRed
L:590or592nmAmber
Package
A:5mmMiniOval,Parallel
B:5mmMiniOval,Perpendicular
Note:PleaserefertoAB5337forcompleteinformationonpartnumberingsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com