Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-BD16-RUT Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD16-RUT
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD16-RUT Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD16-RUT Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-RUT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Table 2. Device Selection Guide for AlInGaP
Part Number
Color and Dominant
Wavelength
ld (nm) Typ.
Luminous
Intensity
Iv (mcd)
at 20 mA Min.
Luminous
Intensity
Iv (mcd)
at 20 mA Max.
Stand-Off
Leadframe
Orientation
Package
Drawing
HLMP-AG01-K00xx
Red626
310
No
Parallel
A
HLMP-AL01-L00xx
Amber590
400
No
Parallel
A
HLMP-AL01-LP0xx
Amber590
400
1150
No
Parallel
A
HLMP-AL01-N00xx
Amber590
680
No
Parallel
A
HLMP-AL01-NR0xx
Amber590
680
1900
No
Parallel
A
HLMP-AL01-PQKxx
Amber590
880
1150
No
Parallel
A
HLMP-AL11-NR0xx
Amber590
880
1900
Yes
Parallel
B
HLMP-BG01-LM0xx
Red626
400
520
No
Perpendicular
C
HLMP-BG01-MN0xx
Red626
520
680
No
Perpendicular
C
HLMP-BL01-NR0xx
Red626
680
1900
No
Perpendicular
C
HLMP-BL11-KN0xx
Red626
310
880
Yes
Perpendicular
D
HLMP-BL11-NR0xx
Red626
680
1900
Yes
Perpendicular
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com