Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC5860 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # APC5860
Description  APC5860 DE-COMPRESSION VOICE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APC5860 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  APC5860 Datasheet HTML 1Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 2Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 3Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 4Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 5Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 6Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 7Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 8Page - Aplus Intergrated Circuits APC5860 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APLUS INTEGRATED CIRCUITS INC.
APC5860
www.aplusinc.com.tw
TEL : 886-2-2782-9266
3
PIN NAME
I/O
DESCRIPTION
RESET
I
RESET INPUT. ACTIVE LOW.
PWM1,PWM2
O
PWM OUTPUT.
DAC
O
OUTPUT FROM D/A CONVERTER.
XOSC1
I
CRYSTAL OSCILLATOR INPUT PIN.
XOSC2
O
CRYSTAL OSCILLATOR OUTPUT PIN.
CAP
I
CAPACITOR FOR PLL CIRCUIT.
PA0-PA7
I/O
I/O PORT_A PIN 0 TO 7.
ALSO AS EXTERNAL INTERRUPT SOURCE
(FALL EDGE TRIGGER).
PA8-PA12
IO
I/O PORT_A PIN 8 TO 12.
PA13/ADC
I/O
I/O PORT_A PIN 13 OR ANALOG SIGNAL INPUT.
PA14
I/O
I/O PORT_A PIN 14
PA15
I/O
I/O PORT_A PIN 15
PB0-PB5/BANK3-BANK8
O
PORT_B OR EXTERNAL MEMORY BANK SELECT
PB6/EMEMRD
O
PORT_B PIN 6 OR EXTERNAL RAM READ
(ACTIVE LOW).
PB7/EXTRAM
O
PORT_B PIN 7 OR EXTERNAL RAM SELECT PIN
(ACTIVE LOW)
PB8/EMEMWRL
O
PORT_B PIN 8 OR EXTERNAL RAM LOW BYTE WRITE
(ACTIVE LOW).
PB9/EXTIRQ
I/O
PORT_B PIN 9 OR EXTERNAL IRQ INPUT PIN
(RISE EDGE TRIGGER).
PB10/EMEMWRH
O
PORT_B PIN 10 OR EXTERNAL RAM HIGH BYTE WRITE
(ACTIVE LOW)
PB11/EXTROMCS
I/O
PORT_B PIN 11 ROM SELECT OR EXTERNAL ROM CHIP
SELECT
(ACTIVE LOW)
PC/EMEMAD
I/O
PC:16 BITS PROGRAMMABLE IO PORTS.
EMEMAD: EXTERNAL MEMORY ADDRESS/DATA.
IF IT IS ADDRESS THEN
EMEMA0~EMEMA12 IS A1~A13.
EMEMA13~EMEMA15 IS BANK0~BANK2.
ALE
O
EXTERNAL MEMORY ADDRESS LATCH ENABLE.
VDD1-VDD4
I
DIGITAL POWER INPUT.
GND1-GND4
I
DIGITAL GROUND.
PLLVDD,PLLGND
I
POWER AND GROUND FOR PLL CIRCUIT.
DACVDD,DACGND
I
POWER AND GROUND FOR DAC CIRCUIT.
4.
ADDRESS ARRANGEMENT :



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com