Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4227TRLPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFS4227TRLPBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4227TRLPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFS4227TRLPBF Datasheet HTML 1Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4227TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFS/SL4227PbF
4
www.irf.com
Fig 11. Maximum Drain Current vs. Case Temperature
Fig 8. Typical Source-Drain Diode Forward Voltage
Fig 12. Maximum Safe Operating Area
Fig 7. Typical EPULSE vs.Temperature
Fig 10. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 9. Typical Capacitance vs.Drain-to-Source Voltage
25
50
75
100
125
150
Temperature (°C)
0
200
400
600
800
1000
1200
1400
L = 220nH
C= 0.4µF
C= 0.3µF
C= 0.2µF
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
20
40
60
80
100
120
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 160V
VDS= 100V
VDS= 40V
ID= 46A
1
10
100
1000
VDS , Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1µsec
10µsec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
25
50
75
100
125
150
175
TC , CaseTemperature (°C)
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com