Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR024N Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR024N
Description  Logic-Level Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR024N Datasheet(HTML) 1 Page - International Rectifier

  IRLR024N Datasheet HTML 1Page - International Rectifier IRLR024N Datasheet HTML 2Page - International Rectifier IRLR024N Datasheet HTML 3Page - International Rectifier IRLR024N Datasheet HTML 4Page - International Rectifier IRLR024N Datasheet HTML 5Page - International Rectifier IRLR024N Datasheet HTML 6Page - International Rectifier IRLR024N Datasheet HTML 7Page - International Rectifier IRLR024N Datasheet HTML 8Page - International Rectifier IRLR024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 0.065Ω
ID = 17A
Description
2/10/00
www.irf.com
1
l Logic-Level Gate Drive
l Surface Mount (IRLR024N)
l Straight Lead (IRLU024N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the lowest possible on-
resistance per silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient device for use in
a wide variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
A
IDM
Pulsed Drain Current

72
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.3
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
68
mJ
IAR
Avalanche Current

11
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 91363E
D-Pak
I-Pak
IRLR024N
IRLU024N
IRLR024N
IRLU024N


Similar Part No. - IRLR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR024N IRF-IRLR024N Datasheet
162Kb / 10P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRLR024N KERSEMI-IRLR024N Datasheet
942Kb / 10P
Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRLR024N ISC-IRLR024N Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRLR024NPBF IRF-IRLR024NPBF Datasheet
304Kb / 10P
HEXFET Power MOSFET
IRLR024NPBF IRF-IRLR024NPBF Datasheet
313Kb / 11P
Logic-Level Gate Drive
More results

Similar Description - IRLR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
Logic-Level Gate Drive
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
Logic-level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
Logic-Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
Logic Level Gate Drive
logo
International Rectifier
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
Logic-Level Gate Drive
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
Logic Level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
Logic Level Gate Drive
2016-02-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com