Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0603-R10J-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM0603-R10J-RC
Description  High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM0603-R10J-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM0603-R10J-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
■ Formerly
model
■ 0603 size
■ Available in E12 series
■ High Q up to 35 typ.
■ High operating temperature of 125 °C
Applications
■ Mobile phones
■ Cellular phones
■ CTV, VCR, HIC, FDD
PM0603 Series - High Q Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Temperature Rise
................. 20 ˚C max. at rated current
Operating Temperature
................................-40 °C to +125 °C
Storage Temperature
................................-40 °C to +125 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
.............................260 ˚C, 10 seconds
Materials
Core Material ............................. Alumina
(1CC150707-302291))
Wire ...... Enamelled Copper (1W1E180)
Terminal ........................... Mo/Mn+Ni+Au
Encapsulate......... Epoxy (1EAS-UV300)
Packaging.................. 3,000 pcs per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Inductance
Test Frequency (MHz)
SRF
I rms
Q
Min.
RDC
Max.
Bourns Part No.
nH
Tol. %
Min.
L
Q
(MHz)
(
Ω)
(mA)
PM0603-2N2-RC
2.2
±15
16
250
250
6000
0.08
700
PM0603-3N9-RC
3.9
±10
16
250
250
6000
0.08
700
PM0603-4N7-RC
4.7
±10
16
250
250
5800
0.10
700
PM0603-6N8J-RC
6.8
±5
25
250
250
5800
0.11
700
PM0603-8N2J-RC
8.2
±5
30
250
250
5000
0.11
700
PM0603-10NJ-RC
10
±5
30
250
250
4800
0.13
700
PM0603-12NJ-RC
12
±5
30
250
250
4000
0.13
700
PM0603-15NJ-RC
15
±5
30
250
250
4000
0.17
700
PM0603-18NJ-RC
18
±5
30
250
250
3100
0.17
700
PM0603-22NJ-RC
22
±5
35
250
250
3000
0.19
700
PM0603-27NJ-RC
27
±5
35
250
250
2800
0.22
600
PM0603-33NJ-RC
33
±5
35
250
250
2300
0.22
600
PM0603-39NJ-RC
39
±5
35
250
250
2200
0.25
600
PM0603-47NJ-RC
47
±5
35
200
250
2100
0.28
600
PM0603-56NJ-RC
56
±5
35
200
250
1900
0.31
600
PM0603-68NJ-RC
68
±5
35
200
250
1700
0.34
600
PM0603-72NJ-RC
72
±5
34
200
250
1700
0.49
400
PM0603-82NJ-RC
82
±5
34
150
250
1700
0.54
400
PM0603-R10J-RC
100
±5
34
150
250
1400
0.71
400
PM0603-R12J-RC
120
±5
32
150
250
1350
0.79
300
PM0603-R15J-RC
150
±5
28
150
150
1300
0.92
280
PM0603-R18J-RC
180
±5
25
100
100
990
1.25
240
PM0603-R22J-RC
220
±5
25
100
100
990
1.90
200
PM0603-R27J-RC
270
±5
25
100
100
990
2.30
170
Packaging Specifications
0.35
(.014)
1.0
± 0.2
(.040
± .008)
1.05
± 0.2
(.041
± .008)
1.2
(.047)
REF.
REF.
REF.
REF.
0.35
(.014)
1.65
± 0.2
(.065
± .008)
0.35
(.014)
0.64
(.025)
0.7
(.028)
0.7
(.028)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
8.0
(.315)
0.10
(.004)
THICKNESS
MAX.
REV. 05/11
Recommended Layout
10.0
(.393)
12.5
(.492)
2.0
± 0.5
(.079
± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
21.0
± 0.8
(.827
± .031)


Similar Part No. - PM0603-R10J-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM0603-R10J-RC BOURNS-PM0603-R10J-RC Datasheet
224Kb / 1P
PM0603 Series - High Q Chip Inductors
More results

Similar Description - PM0603-R10J-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
High Q Chip Inductors
CW160808 BOURNS-CW160808_13 Datasheet
184Kb / 2P
High Q Chip Inductors
CW201212 BOURNS-CW201212_11 Datasheet
86Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
High Q Chip Inductors
PM0805-2N8M-RC BOURNS-PM0805-2N8M-RC Datasheet
282Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com