Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1038S-R15M-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM1038S-R15M-RC
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1038S-R15M-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM1038S-R15M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1038S-R15M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.5 ± 0.1
(0.059 ± 0.004)
0.15
(0.0006)
2.0 ± 0.1
(0.079 ± 0.004)
0.35 ± 0.05
(0.014 ± 0.020)
4.0 ± 0.1
(0.157 ± 0.004)
4.5 ± 0.1
(0.177 ± 0.004)
DIA.
DIA.
11.8 ± 0.1
(0.465 ± 0.004)
16.0 ± 0.1
(0.629 ± 0.004)
10.5 ± 0.1
(0.413 ± 0.004)
24.0 ± 0.3
(0.95 ± 0.012)
1.75 ± 0.1
(.069 ± 0.004)
2.2 ± 0.3
(.087 ± 0.012)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications..
PM1038S Series - Shielded Power Inductors
L vs. I Charts
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
0
0
9
18
27
36
45
0.06
0.12
0.18
0.24
0.3
0
DC Current (A)
PM1038S-R15M-RC
20
40
60
80
100
0
0
6.2
12.4
18.6
24.8
31
0.3
0.6
0.9
1.2
1.5
0
DC Current (A)
PM1038S-R75M-RC
PM1038S-2R5M-RC
20
40
60
80
100
0
0
4.4
8.8
13.2
17.6
22
0.6
1.2
1.8
2.4
3
0
DC Current (A)
PM1038S-1R2M-RC
20
40
60
80
100
0
04
8
12
16
20
0.6
1.2
1.8
2.4
3
0
DC Current (A)
PM1038S-1R7M-RC
20
40
60
80
100
0
0
7.6
15.2
22.8
30.4
38
0.12
0.24
0.36
0.48
0.6
0
20
40
60
80
100
DC Current (A)
PM1038S-R39M-RC
0
0
7.2
14.4
21.6
28.8
36
0.14
0.28
0.42
0.56
0.7
0
20
40
60
80
100
DC Current (A)
PM1038S-R50M-RC
0
048
12
16
0.8
1.6
2.4
3.2
4.0
0
20
40
60
80
100
DC Current (A)
26.0 - 0.00
(1.02 - 0.00)
2.0
± 0.5
(.079
± .020)
75.0 ± 2.0
(2.96 ± 0.08)
330.0
(13.00)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.5
± 0.5
(0.53
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
REV. 09/11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com