Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1008-R56K-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM1008-R56K-RC
Description  High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1008-R56K-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM1008-R56K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5
(.020)
1.6 ± 0.2
(.062 ± .008)
2.0 ± 0.2
(.079 ± .008)
2.3
(.091)
REF.
REF.
REF.
REF.
0.5
(.020)
2.50 ± 0.2
(.098 ± .008)
0.5
(.020)
1.20
(.047)
0.65
(.026)
0.65
(.026)
Features
■ Formerly
model
■ 1008 size
■ Available in E12 series
■ High Q up to 60 typ.
■ High operating temperature of 125 °C
■ RoHS compliant*
Applications
■ Mobile phones
■ Cellular phones
■ CTV, VCR, HIC, FDD
PM1008 Series - High Q Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Temperature Rise
................. 40 ˚C max. at rated current
Operating Temperature
................................-40 °C to +125 °C
Storage Temperature
................................-40 °C to +125 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 5 seconds
Materials
Core Material
-10NM thru -R82K ..................Ceramic
-1R0K thru -100K ......................Ferrite
Wire ...... Enamelled Copper (1W1E180)
Terminal ........................... Mo/Mn+Ni+Au
Packaging.................. 2,000 pcs per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance
Test Frequency (MHz)
SRF
I rms
Q
Min.
RDC
Max.
Bourns Part No.
nH
Tol. %
Min.
L
Q
(MHz)
(
Ω)
(mA)
PM1008-10NM-RC
10
±20
50
100
500
4100
0.08
600
PM1008-12NM-RC
12
±20
50
100
500
3300
0.08
600
PM1008-15NM-RC
15
±20
40
100
350
2500
0.08
500
PM1008-18NM-RC
18
±20
50
100
350
2500
0.10
600
PM1008-22NM-RC
22
±20
55
100
350
2400
0.10
600
PM1008-27NM-RC
27
±20
55
100
350
1600
0.10
600
PM1008-33NM-RC
33
±20
60
100
350
1600
0.10
600
PM1008-39NM-RC
39
±20
60
100
350
1500
0.10
600
PM1008-47NM-RC
47
±20
60
100
350
1500
0.10
600
PM1008-56NK-RC
56
±10
60
100
350
1300
0.12
600
PM1008-68NK-RC
68
±10
60
100
350
1300
0.15
600
PM1008-82NK-RC
82
±10
60
100
350
1000
0.18
600
PM1008-R10K-RC
100
±10
60
100
350
1000
0.18
500
PM1008-R12K-RC
120
±10
50
25
100
950
0.20
500
PM1008-R15K-RC
150
±10
45
25
100
850
0.22
500
PM1008-R18K-RC
180
±10
45
25
100
750
0.33
500
PM1008-R22K-RC
220
±10
45
25
100
700
0.45
500
PM1008-R27K-RC
270
±10
45
25
100
600
0.75
500
PM1008-R33K-RC
330
±10
45
25
100
570
0.90
500
PM1008-R39K-RC
390
±10
45
25
100
500
1.20
400
PM1008-R47K-RC
470
±10
45
25
100
450
1.19
470
PM1008-R56K-RC
560
±10
45
25
100
415
1.33
400
PM1008-R68K-RC
680
±10
45
25
100
375
1.47
400
PM1008-R82K-RC
820
±10
45
25
100
350
1.61
360
PM1008-1R0K-RC
1000
±10
25
25
50
290
1.75
330
PM1008-1R2K-RC
1200
±10
25
7.9
7.9
250
2.00
280
PM1008-1R5K-RC
1500
±10
25
7.9
7.9
200
2.30
280
PM1008-1R8K-RC
1800
±10
25
7.9
7.9
160
2.60
270
PM1008-2R2K-RC
2200
±10
25
7.9
7.9
160
2.80
250
PM1008-2R7K-RC
2700
±10
22
7.9
7.9
70
1.70
195
PM1008-3R3K-RC
3300
±10
22
7.9
7.9
55
1.90
185
PM1008-3R9K-RC
3900
±10
20
7.9
7.9
48
2.10
180
PM1008-4R7K-RC
4700
±10
18
7.9
7.9
43
2.30
175
PM1008-5R6K-RC
5600
±10
18
7.9
7.9
40
4.90
180
PM1008-6R8K-RC
6800
±10
18
7.9
7.9
25
6.00
150
PM1008-8R2K-RC
8200
±10
18
7.9
7.9
25
8.00
100
PM1008-100K-RC
10000
±10
18
2.5
7.9
40
4.20
200
Packaging Specifications
EMBOSSED
CARRIER
EMBOSSED
CAVITY
8.0
(.315)
0.10
(.004)
THICKNESS
MAX.
10.0
(.393)
12.5
(.492)
2.0
± 0.5
(.079
± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
REV. 05/11


Similar Part No. - PM1008-R56K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM1008-R56K-RC BOURNS-PM1008-R56K-RC Datasheet
230Kb / 1P
High Q Chip Inductors
More results

Similar Description - PM1008-R56K-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
High Q Chip Inductors
CW160808 BOURNS-CW160808_13 Datasheet
184Kb / 2P
High Q Chip Inductors
CW201212 BOURNS-CW201212_11 Datasheet
86Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
High Q Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM0805-2N8M-RC BOURNS-PM0805-2N8M-RC Datasheet
282Kb / 1P
High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com