Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API8208A Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # API8208A
Description  VERSATILE 20 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API8208A Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  API8208A Datasheet HTML 1Page - Aplus Intergrated Circuits API8208A Datasheet HTML 2Page - Aplus Intergrated Circuits API8208A Datasheet HTML 3Page - Aplus Intergrated Circuits API8208A Datasheet HTML 4Page - Aplus Intergrated Circuits API8208A Datasheet HTML 5Page - Aplus Intergrated Circuits API8208A Datasheet HTML 6Page - Aplus Intergrated Circuits API8208A Datasheet HTML 7Page - Aplus Intergrated Circuits API8208A Datasheet HTML 8Page - Aplus Intergrated Circuits API8208A Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DC CHARACTERISTICS
Symbol
Parameter Description
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
3.0
4.5
5.0
V
ISB
Standby Current
Vcc = 3.0V, I/O Open
—
1
5
µA
IOP
Operating Current
Vcc = 3.0V, I/O Open
—
—
100
µA
VIH
Input HIGH Voltage
Vcc = 3.0V
2.5
3.0
3.5
V
VIL
Input LOW Voltage
Vcc = 2.0V
–0.3
0
0.3
V
IOH
VOUT HIGH Operating Current
Vcc = 3.0V, VOUT = 3.0V
—
–12
—
mA
IOL
VOUT LOW Operating Current
Vcc = 3.0V, VOUT = 0V
—
12
—
mA
ICO
COUT Operating Current
Vcc = 3.0V, VCOUT = 0.7V
—
–2
—
mA
ISTPH
STP HIGH Operating Current
Vcc = 3.0V, VSTP = 3.0V
—
–5
—
mA
ISTPL
STP LOW Operating Current
Vcc = 3.0V, VSTP = 0V
—
5
—
mA
ILED
LED Output Current
Vcc = 2.2V – 6.0V
6
8
10
mA
ÐF/F
Frequency Stability
(FOSC [3V] – FOSC [3.5V]) / FOSC (3.0V)
——
5
%
SAMPLING FREQUENCY vs
ROSC FOR API8208A
Common Sampling Rate vs. Oscillator Resistor
Sampling Frequency
ROSC
KHz
Kohm
5.0
290
5.5
262
6.0
240
6.5
220
7.0
201
7.5
187
8.0
174
8.5
162
9.0
153
9.5
143
10.0
135
10.5
127
11.0
120
12.0
108
SAMPLING FREQUENCY vs
ROSC FOR API8208A
Common Resistors vs. Sampling Rate
Sampling Frequency
Rosc
KHz
KOhm
13.0
100
14.0
91
16.0
82
22.0
54
APLUS
API8208A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com