Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1902 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-1902
Description  8/16-CH 16-Bit 250 kS/s Multi-Function USB DAQ Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-1902 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-1902 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1902 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-8
www.adlinktech.com
Optional Accessories
Resolution
Number of channels
Maximum sampling rate (single channel)
Programmable gain
Input range (Voltage)
Input range (Current)
Offset error
Gain error
-3dB small signal bandwidth (gain=1)
CMRR (gain=1)
SFDR (gain=1)
SINAD (gain=1)
THD (gain=1)
SNR (gain=1)
ENOB (gain=1)
FIFO buffer size
Trigger sources
Trigger mode
External conversion source
Input coupling
Overvoltage protection
Input impedance
Data transfer
Number of channels
Resolution
Maximum update rate
Output range
Offset error
Gain error
INL
DNL
Output driving capacity
Slew rate
Settling time (0.1% of Full scale)
Rising time
Falling time
FIFO
Output mode
Mode*
Digital I/O
General timer/counter
Pulse generation
Interface
I/O connector
Operating temperature
Storage temperature
Relative humidity
Power requirements
Dimensions
Model Name
Analog Input
Analog Output
Function I/O
General Specifications
Note: The function I/O share the same I/O pins. Only one of these modes can be selected.
16-bit
16 SE / 8 Pseudo-diff, voltage input
8 Current inputs
250 kS/s(Multiplexing, channel-gain-queue)
1, 5, 10, 50
1
± 10 V, ± 2 V, ± 1 V, ± 200 mV
N/A
N/A
0-20 mA
± 0.1 mV (gain=1)
±0.01 mA (typical)
± 0.05% of FSR (gain=1)
±0.05% of FSR (typical)
600 kHz
90 dB
-
108 dB
-
89 dB
-
102 dB
-
89 dB
-
14.5-bit
-
4 k samples
Software, external digital, analog trigger ( from one of analog input channels)
Post trigger, delay trigger, retrigger, gate trigger
Yes (up to 250 kS/s)
DC
Continuous ± 24 V
High impedance > 1 GΩ
249.5 Ω (input resistor)
Programmed I/O, continuous (USB bulk transfer mode)
N/A
2 voltage outputs
-
16-bit
-
1 MS/s (simultaneous update)
-
± 10 V
-
± 0.15 mV
-
± 0.05% of FSR
-
1 LSB
-
< 1 LSB
± 5 mA
-
2.2 V/μs
-
26 μs
-
6 μs
-
6 μs
-
10 k samples (2-CH sharing)
-
Programmed I/O, continuous (USB bulk transfer mode)
Digital I/O, general timer/counter, pulse generation
8 DI / 4 DO (TTL level)
Two 32-bit, base clock: 80 MHz, external to 10 MHz
Two PWM outputs (Modulation frequency: 0.01 Hz to 5 MHz; Duty cycle: 1%-99%)
USB 2.0 high speed, mini-USB connector
Two 20-pin screw terminals
0 to 55°C
-20 to 70°C
5 to 95% non-condensing
5V@400 mA (USB bus powered)
≦
114 mm (H) x 156.5 mm (L) x 41.3 mm (W) (4.5 x 6.16 x 1.63 in.)
(without connector and stand)
USB DAQ
USB-1901
USB-1902
USB-1903
Specifications
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com