Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1903 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-1903
Description  8/16-CH 16-Bit 250 kS/s Multi-Function USB DAQ Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-1903 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-1903 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1903 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-7 www.adlinktech.com
8/16-CH 16-Bit 250 kS/s Multi-Function USB DAQ Modules
USB-1901/1902/1903
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
ECLK
NC
NC
GPO3
GPO2
GPO1
GPO0
DGND
AGND
*AO1
*AO0
AGND
AI7(AIL3)
AI6(AIH3)
AI5(AIL2)
AI4(AIH2)
AI3(AIL1)
AI2 (AIH1)
AI1 (AIL0)
AI0(AIH0)
AOTG*
AITG
GPI7
GPI6
GPI5
GPI4
GPI3
GPI2
GPI1
GPI0
DGND
AISE
AI15(AIL7)
AI14(AIH7)
AI13(AIL6)
AI12(AIH6)
AI11(AIL5)
AI10(AIH5)
AI9(AIL4)
AI8(AIH4)
USB-1901/1902
* Not available for USB-1901
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
ECLK
NC
NC
GPO3
GPO2
GPO1
GPO0
DGND
AGND
AO1
AO0
AGND
CI3-
CI3+
CI2-
CI2+
CI1-
CI1+
CI0-
CI0+
AOTG
AITG
GPI7
GPI6
GPI5
GPI4
GPI3
GPI2
GPI1
GPI0
DGND
AISE
CI7-
CI7+
CI6-
CI6+
CI5-
CI5+
CI4-
CI4+
USB-1903
Introduction
The ADLINK USB-1900 series provides a range of USB 2.0-based multi-functional DAQ modules.
The USB-1901 and USB-1902 16-bit 250 kS/s USB 2.0-based high-performance DAQ modules allow
four different voltage input ranges, while the USB-1903 features additional built-in precision current-to-
voltage resistors capable of direct measurement of current signal from 0 to 20 mA.
The USB-1900 series is USB bus powered and equipped with removable screw-down terminals for easy
device connectivity. The attached multi-functional stand can be used for desktop, rail, or wall mounting.
Suitable for mixed-signal tests, laboratory research, and factory automation, the USB-1900 series provide
a simple measurement solution at an affordable price.
Pin Assignment
Standard Shipped Accessories
Ordering Information
Optional Accessories
• One pair of 20-pin removable screw
terminals
• Module stand
• 2 M USB Type A to USB Mini-B
cable with lockable connector
• Rail-mount kit
■ RST-20P
One pair of 20-pin removable
screw terminals
■ USB-1901
16-CH 16-Bit 250kS/s Analog Input USB DAQ
■ USB-1902
16-CH 16-Bit 250kS/s Multi-Function USB DAQ
■ USB-1903
8-CH 16-Bit Current Input Multi-Function USB DAQ
■ USB-2M-L
2 M USB Type A to USB Mini-B cable
with lockable connector
Features
■
USB 2.0 high-speed function
■
USB bus power
■
Removable screw-down terminal module
■
Lockable USB cable for secure connectivity
■
16-CH 250 kS/s voltage input (USB-1901/1902)
■
8-CH 250 kS/s current input (USB-1903)
■
2-CH 1 MS/s voltage output (USB-1902/1903)
■
Analog and Digital triggering
■
Free testing application included (U-Test)
■ Operating Systems
• Windows 7/Vista/XP
■ Driver Support
• UD-DASK for VB.NET/VC.NET/VB/VC++/BCB/Delphi
• DAQPilot for LabVIEW™
• DAQ-MTLB for MATLAB®


Similar Part No. - USB-1903

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-1024HLS ETC-USB-1024HLS Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
USB-1024LS ETC-USB-1024LS Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
USB-1208FS-PLUS ETC-USB-1208FS-PLUS Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
USB-1208FS-PLUS-OEM ETC-USB-1208FS-PLUS-OEM Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
USB-1208LS ETC-USB-1208LS Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
More results

Similar Description - USB-1903

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAQ-2213 ETC2-DAQ-2213 Datasheet
337Kb / 2P
16-CH 16-Bit 250 kS/s Low-Cost Multi-Function DAQ Cards
PCI-9221 ETC2-PCI-9221 Datasheet
404Kb / 2P
16/32-CH 16-Bit 250/500 kS/s Multi-Function DAQ Cards with Encoder Input
PXI-2020 ETC2-PXI-2020 Datasheet
249Kb / 2P
8/16-CH 16-Bit 250 KS/s Simultaneous Sampling DAQ Cards
logo
Advantech Co., Ltd.
PCI-1716 ADVANTECH-PCI-1716_15 Datasheet
223Kb / 1P
250 kS/s, 16-bit, 16-ch PCI Multifunction DAQ Card
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
logo
Adlink Technology Inc.
DAQ-2213 ADLINK-DAQ-2213 Datasheet
172Kb / 1P
16-CH 16-Bit 250 kS/s Low-Cost Multi-Function DAQ Cards
logo
Advantech Co., Ltd.
PCM-3718H ADVANTECH-PCM-3718H_V01 Datasheet
550Kb / 2P
100 kS/s, 12-bit, 16-Ch PC/104 Multi-function Modules
15-Jan-2014
PCIE-1812 ADVANTECH-PCIE-1812 Datasheet
424Kb / 1P
250 kS/s, 16-Bit, 8-Ch, Simultaneous Sampling Multifunction PCI Express DAQ Card
16-Jan-2019
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com