Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API8208 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # API8208
Description  VERSATILE 20 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API8208 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  API8208 Datasheet HTML 1Page - Aplus Intergrated Circuits API8208 Datasheet HTML 2Page - Aplus Intergrated Circuits API8208 Datasheet HTML 3Page - Aplus Intergrated Circuits API8208 Datasheet HTML 4Page - Aplus Intergrated Circuits API8208 Datasheet HTML 5Page - Aplus Intergrated Circuits API8208 Datasheet HTML 6Page - Aplus Intergrated Circuits API8208 Datasheet HTML 7Page - Aplus Intergrated Circuits API8208 Datasheet HTML 8Page - Aplus Intergrated Circuits API8208 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC - GND
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
VIN
GND – 0.3 < VIN < VCC + 0.3
V
VOUT
GND < VOUT < VCC
V
TA
Operating Temperature
–10 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
BONDING PARAMETERS
Pin
Name
X
Y
1
OUT1
-6
–1017
2VOUT1
297
–1017
3VOUT2
803
–1017
4
GND
1058
–1017
5
OUT2
927
1017
6
OUT3
697
1017
7COUT
199
1017
8
OSC
–103
1017
9VPP
–358
1017
10
TG1
–566
1017
11
TG2
–810
1017
12
VCC
–1059
1017
13
TG3
–934
–1017
14
TG4
–689
–1017
15
SBT
–444
–1017
16
IRP
–200
–1017
BONDING DIAGRAM
Note:
Programming requires connection to
pins 4, 5, 6, 8, 9, 12, 15, and 16.
12
11
10
9
8
7
6
5
13
14
15
16
2
4
13
NC
NC
(0,0)
X
Y
Note: Substrate must be connected to GND
Pad size = 80 µm x 80 µm
Die size = 2350 x 2260 µm
92.5 x 88.97 mil
APLUS
API8208A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com