Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3316-331M-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM3316-331M-RC
Description  SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM3316-331M-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM3316-331M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM3316-331M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USER DIRECTION OF FEED
200
(7.874)
NO COMPONENT
NO COMPONENT
COMPONENTS
11200
(440.945)
400
(15.748)
START
4.0 ± 0.1
(.157 ± 0.04)
16.0 ± 0.1
(.630 ± .004)
4.4 ± 0.1
(.173 ± .004)
5.3 ± 0.1
(.153 ± .004)
0.4 ± 0.05
(.016 ± .002)
24.0 ± 0.3
(.945 ± .012)
13.2 ± 0.1
(.520 ± .004)
11.5 ± 0.1
(.453 ± .004)
1.55 ± 0.05
(.061 ± .002)
DIA.
1.5
(.059)
MIN.
END
101
101
101
10.4 ± 0.1
(.409 ± .004)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications..
PM3316 Series - SMD Power Inductors
Soldering Profile
REV. 06/10
QTY: 500 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (seconds)
<2> Max. of 30 seconds > 220 °C
<1> Max. of 10 seconds at 250 °C
250 °C
<2>
<1>
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum
Packaging Specifications
26
(1.02)
30.4
(1.20)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
330
(12.99)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com