Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/01 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2104FBD48/01
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104FBD48/01 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2104FBD48/01 Datasheet HTML 3Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 4Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 5Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 6Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 7Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 8Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 9Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 10Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
7 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
P0.0 to P0.31
I/O
Port 0: Port 0 is a 32-bit bidirectional I/O port with individual direction controls for
each bit. The operation of port 0 pins depends upon the pin function selected via
the Pin Connect Block.
P0.0/TXD0/PWM1
13[1]
I/O
P0.0 — Port 0 bit 0.
O
TXD0 — Transmitter output for UART 0.
O
PWM1 — Pulse Width Modulator output 1.
P0.1/RXD0/PWM3
14[1]
I/O
P0.1 — Port 0 bit 1.
I
RXD0 — Receiver input for UART 0.
O
PWM3 — Pulse Width Modulator output 3.
P0.2/SCL/CAP0.0
18[2]
I/O
P0.2 — Port 0 bit 2. The output is open-drain.
I/O
SCL — I2C-bus clock input/output. Open-drain output (for I2C-bus compliance).
I
CAP0.0 — Capture input for Timer 0, channel 0.
P0.3/SDA/MAT0.0
21[2]
I/O
P0.3 — Port 0 bit 3. The output is open-drain.
I/O
SDA — I2C-bus data input/output. Open-drain output (for I2C-bus compliance).
O
MAT0.0 — Match output for Timer 0, channel 0. The output is open-drain.
P0.4/SCK/CAP0.1
22[1]
I/O
P0.4 — Port 0 bit 4.
I/O
SCK — Serial clock for SPI/SSP[3]. Clock output from master or input to slave.
I
CAP0.1 — Capture input for Timer 0, channel 1.
P0.5/MISO/MAT0.1
23[1]
I/O
P0.5 — Port 0 bit 5.
I/O
MISO — Master In Slave Out for SPI/SSP[3]. Data input to SPI/SSP master or
data output from SPI/SSP slave.
O
MAT0.1 — Match output for Timer 0, channel 1.
P0.6/MOSI/CAP0.2
24[1]
I/O
P0.6 — Port 0 bit 6.
I/O
MOSI — Master Out Slave In for SPI/SSP[3]. Data output from SPI/SSP master
or data input to SPI/SSP slave.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.7/SSEL/PWM2
28[1]
I/O
P0.7 — Port 0 bit 7.
I
SSEL — Slave Select for SPI/SSP[3]. Selects the SPI/SSP interface as a slave.
O
PWM2 — Pulse Width Modulator output 2.
P0.8/TXD1/PWM4
29[1]
I/O
P0.8 — Port 0 bit 8.
O
TXD1 — Transmitter output for UART 1.
O
PWM4 — Pulse Width Modulator output 4.
P0.9/RXD1/PWM6
30[1]
I/O
P0.9 — Port 0 bit 9.
I
RXD1 — Receiver input for UART 1.
O
PWM6 — Pulse Width Modulator output 6.
P0.10/RTS1/CAP1.0
35[1]
I/O
P0.10 — Port 0 bit 10.
O
RTS1 — Request to Send output for UART 1.
I
CAP1.0 — Capture input for Timer 1, channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com