Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM12639S-R67M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM12639S-R67M-RC
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM12639S-R67M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM12639S-R67M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM12639S-R67M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R68
15.0
(0.591)
12.7 ± 0.3
(0.500 ± 0.012)
12.7 ± 0.3
(0.500 ± 0.012)
13.9
(0.547)
MAX.
MAX.
2.5 ± 0.5
(0.098 ± 0.020)
3.0 ± 0.5
(0.118 ± 0.020)
4.5
(.177)
13.5
(0.531)
MAX.
7.0
(.276)
3.5
(.138)
MAX.
3.7
(.146)
Features
Formerly
model
Shielded construction
Unit height of 3.7 mm
Inductance range: 0.67 µH to 1.2 µH
Current up to 28 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car audio systems
PM12639S Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage ..................................0.25 V
Test Frequency ......................... 100 KHz
Reflow Soldering ....230 ˚C; 50 sec max.
Operating Temperature
................................-55 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-55 °C to +150 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
Materials
Core..................................................Iron
Wire ............................Enameled copper
Terminal ........................................ Cu/Sn
Rated Current .... Ind. drops 20 % at I sat
Temperature Rise .... 40 ˚C at rated I rms
Packaging....... 600 pcs. per 13-inch reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Inductance
I rms
I sat
DCR
SRF
Bourns Part No.
L (µH)
(A)
(A)
(m
Ω) max. (MHz) typ.
PM12639S-R67M-RC
0.67
28.0
32
2.5
72
PM12639S-1R2M-RC
1.20
21.0
29
4.5
37
Soldering Profile
Electrical Schematic
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
Recommended Layout


Similar Part No. - PM12639S-R67M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM12645S BOURNS-PM12645S Datasheet
316Kb / 3P
Shielded Power Inductors
PM12645S-1R2M-RC BOURNS-PM12645S-1R2M-RC Datasheet
316Kb / 3P
Shielded Power Inductors
PM12645S-1R8M-RC BOURNS-PM12645S-1R8M-RC Datasheet
316Kb / 3P
Shielded Power Inductors
PM12645S-2R7M-RC BOURNS-PM12645S-2R7M-RC Datasheet
316Kb / 3P
Shielded Power Inductors
PM12651S-4R7M-RC BOURNS-PM12651S-4R7M-RC Datasheet
316Kb / 3P
Shielded Power Inductors
More results

Similar Description - PM12639S-R67M-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com