Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6008 Datasheet(PDF) 21 Page - Aplus Intergrated Circuits

Part # APR6008
Description  Voice Recording & Playback Device Voice Recording & Playback Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6008 Datasheet(HTML) 21 Page - Aplus Intergrated Circuits

Back Button APR6008 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 22Page - Aplus Intergrated Circuits APR6008 Datasheet HTML 23Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
APR6008
Page 21
Voice Recording & Playback Device
Figure 18 Bond Pad Layout and Coordinates
Table 7 Coordinate Information
Pad
Number
Pad
Name
X
Coordinate
Y
Coordinate
1
NC
5149
2069
2
/CS
5149
1622
3
DI
5149
1243
4
DO
5149
901
5
VSSD
5149
610
6
VSSD
5149
383
7
NC
4795
108
8
NC
4412
108
9
ANAOUT-
560
108
10
ANAOUT+
108
288
11
/RESET
373
108
12
VSSA
108
655
13
VSSA
108
827
14
VSSA
108
1113
15
AUDOUT
108
1426
16
SQLCAP
108
1834
17
/SQLOUT
108
2518
18
ANAIN-
108
2795
19
ANAIN+
108
3066
20
VCCA
108
3397
21
VCCA
108
3627
Pad
Number
Pad
Name
X
Coordinate
Y
Coordinate
22
NC
248
4106
23
/BUSY
548
4106
24
VSSA
4314
4106
25
VSSA
4486
4106
26
VSSA
4658
4106
27
SAC
4906
4106
28
/INT
5149
3777
29
EXTCLK
5149
3478
30
VCCD
5149
2992
31
VCCD
5149
2760
32
VCCD
5149
2588
33
SCLK
5149
2362
DIE SIZE : 4340
µm x 5380µm
PAD SIZE : 100
µm x 100µm
DIE THICKNESS : Approximately 25 mils
9 AN
AO
UT
-
10
AN
AO
UT
+
11
/RESET
12 VSSA
13 VSSA
14 VSSA
15 AUDOUT
16 SQLCAP
17 / SQLOUT
18 ANAIN-
19 ANAIN+
20 VCCA
21 VCCA
NC
8
VSSD 6
VSSD 5
DO 4
DI 3
/CS 2
NC 1
SCLK 33
VCCD 32
VCCD 31
VCCD 30
EXTCLK 29
/INT 28
X Coordinate
Origin
0
0
Connect substrate
to ground.
*
9 AN
AO
UT
-
10
AN
AO
UT
+
11
/RESET
12 VSSA
13 VSSA
14 VSSA
15 AUDOUT
16 SQLCAP
17 / SQLOUT
18 ANAIN-
19 ANAIN+
20 VCCA
21 VCCA
NC
8
VSSD 6
VSSD 5
DO 4
DI 3
/CS 2
NC 1
SCLK 33
VCCD 32
VCCD 31
VCCD 30
EXTCLK 29
/INT 28
X Coordinate
Origin
0
0
9 AN
AO
UT
-
10
AN
AO
UT
+
11
/RESET
12 VSSA
13 VSSA
14 VSSA
15 AUDOUT
16 SQLCAP
17 / SQLOUT
18 ANAIN-
19 ANAIN+
20 VCCA
21 VCCA
NC
8
VSSD 6
VSSD 5
DO 4
DI 3
/CS 2
NC 1
SCLK 33
VCCD 32
VCCD 31
VCCD 30
EXTCLK 29
/INT 28
X Coordinate
Origin
0
0
Connect substrate
to ground.
*
Revision 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com