Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM12651S-R50M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM12651S-R50M-RC
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM12651S-R50M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM12651S-R50M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM12651S-R50M-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM12651S-R50M-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1R5
15.0
(0.591)
12.7 ± 0.3
(0.500 ± 0.012)
12.7 ± 0.3
(0.500 ± 0.012)
13.9
(0.547)
MAX.
MAX.
2.5 ± 0.5
(0.098 ± 0.020)
3.0 ± 0.5
(0.118 ± 0.020)
4.5
(.177)
13.5
(0.531)
MAX.
7.0
(.276)
5.2
(.205)
MAX.
5.9
(.232)
Features
■
Formerly
models
■
Shielded construction
■
Unit height of 5.9 mm
■
Inductance range: 0.22 µH to 10 µH
■
Current up to 45 A
■
RoHS compliant*
Applications
■
Input/output of DC/DC converters
■
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car audio systems
PM12645S, PM12651S, PM13560S, PM13656S, PM13666S Series -
Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
General Specifications
Test Voltage ..................................0.25 V
Test Frequency ......................... 100 KHz
Reflow Soldering .... 230 ˚C; 50 sec max.
Operating Temperature
............................... -55 °C to +150 °C
(Temperature rise included)
Storage Temperature
............................... -55 °C to +150 °C
Resistance to Soldering Heat
.............................+260 °C for 10 sec.
Materials
Core..................................................Iron
Wire ........................... Enameled copper
Terminal ........................................Cu/Sn
Rated Current ... Ind. drops 20 % at I sat
Temperature Rise .... 40 ˚C at rated I rms
Packaging.......500 pcs. per 13-inch reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
J.W.Miller
Inductance
I rms
I sat
DCR
Bourns Part No.
L (µH)
(A)
(A)
(mΩ) max.
PM12645S-1R2M-RC
1.20
27
49
3.3
PM12645S-1R8M-RC
1.80
21
40
4.7
PM12645S-2R7M-RC
2.70
17
32
7.3
PM12651S-R50M-RC
0.50
36
55
1.5
PM12651S-4R7M-RC
4.70
12
27
15.0
PM12651S-9R0M-RC
9.00
10
18
22.5
PM13560S-6R0M-RC
6.00
9.5
14
10.0
PM13560S-100M-RC
10.0
9
16
25.5
PM13656S-R22M-RC
0.22
45
80
1.0
PM13656S-R50M-RC
0.50
36
55
1.5
PM13666S-1R0M-RC
1.00
29
50
2.5
Soldering Profile
Electrical Schematic
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
Recommended Layout


Similar Part No. - PM12651S-R50M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM12639S-1R2M-RC BOURNS-PM12639S-1R2M-RC Datasheet
290Kb / 2P
Shielded Power Inductors
PM12639S-R67M-RC BOURNS-PM12639S-R67M-RC Datasheet
290Kb / 2P
Shielded Power Inductors
More results

Similar Description - PM12651S-R50M-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com