Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 17Page - Texas Instruments LM2671 Datasheet HTML 18Page - Texas Instruments LM2671 Datasheet HTML 19Page - Texas Instruments LM2671 Datasheet HTML 20Page - Texas Instruments LM2671 Datasheet HTML 21Page - Texas Instruments LM2671 Datasheet HTML 22Page - Texas Instruments LM2671 Datasheet HTML 23Page - Texas Instruments LM2671 Datasheet HTML 24Page - Texas Instruments LM2671 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
Table 10. Output Capacitor Selection Table (continued)
Output Capacitor
Surface Mount
Through Hole
Cap.
Sprague
AVX TPS
Sanyo OS-CON
Sanyo MV-GX
Nichicon
Panasonic
Ref.
Desg.
594D Series
Series
SA Series
Series
PL Series
HFQ Series
#
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
C3
120/6.3
100/10
100/35
120/35
120/35
120/35
C4
68/10
100/10
68/10
220/35
220/35
220/35
C5
100/16
100/10
100/10
150/35
150/35
150/35
C6
100/16
100/10
100/10
120/35
120/35
120/35
C7
68/10
100/10
68/10
150/35
150/35
150/35
C8
100/16
100/10
100/10
330/35
330/35
330/35
C9
100/16
100/16
100/16
330/35
330/35
330/35
C10
100/16
100/16
68/16
220/35
220/35
220/35
C11
100/16
100/16
68/16
150/35
150/35
150/35
C12
100/16
100/16
68/16
120/35
120/35
120/35
C13
100/16
100/16
100/16
120/35
120/35
120/35
C14
100/16
100/16
100/16
220/35
220/35
220/35
C15
47/20
68/20
47/20
220/35
220/35
220/35
C16
47/20
68/20
47/20
150/35
150/35
150/35
C17
47/20
68/20
47/20
120/35
120/35
120/35
C18
68/25
(2×) 33/25
47/25 (1)
220/35
220/35
220/35
C19
33/25
33/25
33/25 (1)
150/35
150/35
150/35
C20
33/25
33/25
33/25 (1)
120/35
120/35
120/35
C21
33/35
(2×) 22/25
(2)
150/35
150/35
150/35
C22
33/35
22/35
(2)
120/35
120/35
120/35
C23
(2)
(2)
(2)
220/50
100/50
120/50
C24
(2)
(2)
(2)
150/50
100/50
120/50
C25
(2)
(2)
(2)
150/50
82/50
82/50
(1)
The SC series of Os-Con capacitors (others are SA series)
(2)
The voltage ratings of the surface mount tantalum chip and Os-Con capacitors are too low to work at these voltages.
Application Information
TYPICAL SURFACE MOUNT PC BOARD LAYOUT, FIXED OUTPUT (4X SIZE)
CIN - 15 μF, 25V, Solid Tantalum Sprague, “594D series”
COUT - 68 μF, 10V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 47
μH, L13, Coilcraft DO3308
CB - 0.01 μF, 50V, Ceramic
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com