Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2675M-5 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM2675M-5
Description  LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675M-5 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2675M-5 Datasheet HTML 18Page - Texas Instruments LM2675M-5 Datasheet HTML 19Page - Texas Instruments LM2675M-5 Datasheet HTML 20Page - Texas Instruments LM2675M-5 Datasheet HTML 21Page - Texas Instruments LM2675M-5 Datasheet HTML 22Page - Texas Instruments LM2675M-5 Datasheet HTML 23Page - Texas Instruments LM2675M-5 Datasheet HTML 24Page - Texas Instruments LM2675M-5 Datasheet HTML 25Page - Texas Instruments LM2675M-5 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2675LD-5.0
NRND
WSON
NHN
16
1000
TBD
Call TI
Call TI
-40 to 125
S000FB
LM2675LD-5.0/NOPB
ACTIVE
WSON
NHN
16
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
S000FB
LM2675LD-ADJ
NRND
WSON
NHN
16
1000
TBD
Call TI
Call TI
-40 to 125
S000GB
LM2675LD-ADJ/NOPB
ACTIVE
WSON
NHN
16
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
S000GB
LM2675LDX-ADJ/NOPB
ACTIVE
WSON
NHN
16
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
S000GB
LM2675M-12
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2675
M-12
LM2675M-12/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
M-12
LM2675M-3.3/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
M3.3
LM2675M-5.0
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2675
M5.0
LM2675M-5.0/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
M5.0
LM2675M-ADJ
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2675
MADJ
LM2675M-ADJ/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
MADJ
LM2675MX-12
NRND
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
2675
M-12
LM2675MX-12/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
M-12
LM2675MX-3.3
NRND
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
2675
M3.3
LM2675MX-3.3/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
M3.3
LM2675MX-5.0/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 125
2675
M5.0
LM2675MX-ADJ
NRND
SOIC
D
8
2500
TBD
Call TI
Call TI
-40 to 125
2675
MADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com