Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS401 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FAS401
Description  Assembly Line for Electrolytic Capacitors, snap-in type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FAS401 Datasheet(HTML) 1 Page - Kemet Corporation

  FAS401 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADS401-R01-070108
EQUIPMENT REFERENCE DATA SHEET
FAS401
Assembly Line for Electrolytic Capacitors, snap-in type
MAIN FEATURES
Indexed rotary tables for high speed assembly
line.
Mechanical operations for high reliability.
High accessibility due to pick & place location.
Friendly to use and maintain
.
GENERAL INFORMATION
Snap-in Type Electrolytic Capacitor
Product dimensions
D
22
to
40
mm
L
25
to
50
mm
P
10 ± 0.1
mm


Similar Part No. - FAS401

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAS401

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ Datasheet
107Kb / 10P
Aluminum Electrolytic Capacitors/ UQ Snap-in Type
logo
EPCOS
B43508 EPCOS-B43508 Datasheet
1,022Kb / 17P
Aluminum electrolytic capacitors Snap-in capacitors
logo
TDK Electronics
B41231 TDK-B41231 Datasheet
373Kb / 24P
Aluminum electrolytic capacitors Snap-in capacitors
B41252 TDK-B41252 Datasheet
377Kb / 24P
Aluminum electrolytic capacitors Snap-in capacitors
B41505 TDK-B41505 Datasheet
352Kb / 17P
Aluminum electrolytic capacitors Snap-in capacitors
B43509 TDK-B43509 Datasheet
621Kb / 20P
Aluminum electrolytic capacitors Snap-in capacitors
logo
RUBYCON CORPORATION
FXC RUBYCON-FXC Datasheet
155Kb / 1P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
HFG RUBYCON-HFG Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
NXG RUBYCON-NXG Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH_15 Datasheet
143Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com