Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM0406CB Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # ASM0406CB
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM0406CB Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  ASM0406CB Datasheet HTML 1Page - Aplus Intergrated Circuits ASM0406CB Datasheet HTML 2Page - Aplus Intergrated Circuits ASM0406CB Datasheet HTML 3Page - Aplus Intergrated Circuits ASM0406CB Datasheet HTML 4Page - Aplus Intergrated Circuits ASM0406CB Datasheet HTML 5Page - Aplus Intergrated Circuits ASM0406CB Datasheet HTML 6Page - Aplus Intergrated Circuits ASM0406CB Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev 1.0
1
ASM0406CB/0906CB
1.0 General Description
The
ASM0406CB/0906CB is very low cost voice synthesizer with 4-bit microprocessor. It has
various features including 4-bit ALU,
ROM,
RAM, I/O ports, timers, clock generator,
watchdog timer ( WDT ), voice synthesizer, etc. It consists of 22 instructions in the device.
With CMOS technology and halt function can minimize power dissipation. Its architecture is similar
to RISC,with two stages of instruction pipeline. It allows all instructions to be executed in a single
cycle, except for program branches and data table read instructions (which need two
instruction cycles).
1.1 Feature
Single power supply can operate from 2.4V through 5.5V
Internal Program ROM: 4K x 10-bit
1 sets of 15-bit DPR can access up to 32K x 10 bits data memory space
Data Registers:
• 64 x 4-bit data RAM (00-1Fh plus 40h-5Fh)
• Unbanked special function registers (SFR) range: 20h-3Fh
I/O Ports:
• PRA: 4-bit I/O Port A (2Bh)
• PRB: 2-bit Output Port B (2Dh)
On-chip clock generator:
Resistive Clock Drive(RM)
Timer: 1
• Timer0: a 9-bit auto-reload timer/counter
Stack: 2-level subroutine nesting
HALT and Release from HALT function to reduce power consumption
Watch Dog Timer (WDT)
Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
Number of instruction: 22
The Voice function can be implemented by microprocessor instruction
• One 8-bit COUT output for ASM0406CB/0906CB
ASM0406CB/0906CB
- VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com