Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3604 Datasheet HTML 1Page - ON Semiconductor CAT3604 Datasheet HTML 2Page - ON Semiconductor CAT3604 Datasheet HTML 3Page - ON Semiconductor CAT3604 Datasheet HTML 4Page - ON Semiconductor CAT3604 Datasheet HTML 5Page - ON Semiconductor CAT3604 Datasheet HTML 6Page - ON Semiconductor CAT3604 Datasheet HTML 7Page - ON Semiconductor CAT3604 Datasheet HTML 8Page - ON Semiconductor CAT3604 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT3604A
http://onsemi.com
5
Basic Operation
At power-up, the CAT3604A starts operation in 1x mode.
If it is able to drive the programmed LED current, it
continues in 1x mode. If the battery voltage drops to a level
where the LED current cannot be met, the driver
automatically switches into 1.5x mode. The 1.5x charge
pump will boost the output voltage accordingly to achieve
the nominal LED current.
The operating mode is reinitialized each and every time
the chip is powered up or is taken out of shutdown mode (via
EN pin). The use of the control pins (CTR0, CTR1, CTR2)
does not reconfigure the mode of operation.
LED Current Setting
The LED current is set by the external resistor RSET
connected between the RSET pin and ground. Table 5 lists
various LED currents and the associated RSET resistor value
for standard 1% precision surface mount resistors.
The digital control lines CTR0, CTR1 and CTR2 allow to
turn On or Off a combition of LEDs as shown in Table 6.
Table 5. RSET Resistor Selection
LED Current (mA)
RSET (kW)
1
649
2
287
5
102
10
49.9
15
32.4
20
23.7
30
15.4
Table 6. LED Selection
Control Lines
LED Outputs
CTR2
CTR1
CTR0
LED4
LED3
LED2
LED1
0
0
0
–
–
–
ON
0
0
1
–
–
ON
–
0
1
0
–
ON
–
–
0
1
1
ON
−
–
–
1
0
0
–
–
ON
ON
1
0
1
–
ON
ON
ON
1
1
0
ON
ON
ON
ON
1
1
1
–
–
–
–
NOTE: 1 = logic high (or VIN)
0 = logic low (or GND)
– = LED output OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com