Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM17012CB Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM17012CB
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM17012CB Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM17012CB Datasheet HTML 1Page - Aplus Intergrated Circuits ASM17012CB Datasheet HTML 2Page - Aplus Intergrated Circuits ASM17012CB Datasheet HTML 3Page - Aplus Intergrated Circuits ASM17012CB Datasheet HTML 4Page - Aplus Intergrated Circuits ASM17012CB Datasheet HTML 5Page - Aplus Intergrated Circuits ASM17012CB Datasheet HTML 6Page - Aplus Intergrated Circuits ASM17012CB Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.4 Bonding Diagram
3
ASM17012CB
(256K x 10 bit) x 2-B lock R O M
4
5
6
7
8
9
10
11 12
13
18
17
16
15
14
2
1
19 20 21
C H IP S IZE: X = 3090 + 100 (um), Y= 3140 + 80 (um)
Substrate must be connected to GND.
ASM17012CB Pad Location
Chip Size: X= 3090 + 100 (um) , Y= 3140 + 80 (um)
PAD # PAD Name
X
Y
PAD # PAD Name
X
Y
1
VDD3
-1445.96
-1456.08
12
GND2
118.72
-1450.56
2
PRC1
-1325.24
-1456.08
13
TEST
319.68
-1456.08
3
PRC0
-1202.92
-1456.08
14
VDD2
575.32
-1456.08
4
PRA3
-1080.6
-1456.08
15
PRB0
714.48
-1456.08
5
PRA2
-958.28
-1456.08
16
PRB1
836.8
-1456.08
6
PRA1
-835.96
-1456.08
17
PRB2
959.12
-1456.08
7
PRA0/RESET
-713.64
-1456.08
18
PRB3
1081.44
-1456.08
8
OSC
-591.32
-1456.08
19
PRC2
1203.76
-1456.08
9
VDD1
-414.36
-1456.08
20
PRC3
1326.08
-1456.08
10
COUT
-162.24
-1456.08
21
GND3
1449.36
-1456.08
11
GND1
38.72
-1450.56
ASM17012CB
X= 3090 + 100 (um)
Y= 3140 + 80 (um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com