Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM5757 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM5757
Description  SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM5757 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM5757 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM5757 Datasheet HTML 2Page - Central Semiconductor Corp CMLDM5757 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
430
mA
Maximum Pulsed Drain Current (tp=10μs)
IDM
750
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR VGS=4.5V, VDS=0
2.0
μA
IDSS
VDS=16V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
20
V
VGS(th)
VDS=VGS, ID=250μA
0.45
1.0
V
VSD
VGS=0, IS=350mA
1.2
V
rDS(ON)
VGS=4.5V, ID=430mA
0.9
Ω
rDS(ON)
VGS=2.5V, ID=300mA
1.2
Ω
rDS(ON)
VGS=1.8V, ID=150mA
2.0
Ω
Crss
VDS=16V, VGS=0, f=1.0MHz
20
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
175
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
30
pF
CMLDM5757
SURFACE MOUNT SILICON
DUAL P-CHANNEL
ENHANCEMENT-MODE
MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM5757
consists of dual P-Channel enhancement-mode silicon
MOSFETs designed for high speed pulsed amplifier
and driver applications. These MOSFETs offer very low
rDS(ON) and low threshold voltage.
MARKING CODE: 77C
FEATURES:
• ESD protection up to 1800V (Human Body Model)
• 350mW power dissipation
• Very low rDS(ON)
• Low threshold voltage
• Logic level compatible
• Small, SOT-563 surface mount package
• Complementary dual N-Channel device: CMLDM3737
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
APPLICATIONS:
• Load switch/Level shifting
• Battery charging
• Boost switch
• Electro-luminescent backlighting
SOT-563 CASE
R2 (5-June 2013)
www.centr a lsemi.com


Similar Part No. - CMLDM5757

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM5757 CENTRAL-CMLDM5757 Datasheet
591Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM5757 CENTRAL-CMLDM5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs
CMLDM5757 CENTRAL-CMLDM5757_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMLDM5757

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8002A CENTRAL-CMLDM8002A_10 Datasheet
524Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMKDM8005 CENTRAL-CMKDM8005_13 Datasheet
945Kb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8005 CENTRAL-CMLDM8005_13 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMRDM7590 CENTRAL-CMRDM7590_12 Datasheet
437Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CWDM305PD CENTRAL-CWDM305PD Datasheet
660Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMKDM8005 CENTRAL-CMKDM8005_15 Datasheet
945Kb / 3P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8005 CENTRAL-CMLDM8005_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL P-CHANNEL ENHANCEMENT-MODE MOSFET
CMRDM7590 CENTRAL-CMRDM7590_15 Datasheet
437Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM304P-M832DS CENTRAL-CTLDM304P-M832DS_15 Datasheet
683Kb / 2P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8120-M832DS CENTRAL-CTLDM8120-M832DS Datasheet
758Kb / 5P
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
R0 2-March 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com