Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2506C Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM2506C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM2506C Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM2506C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM2506C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM2506C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM2506C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM2506C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM2506C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM2506C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ASM2506C
Rev 1.0
2002/5/22
5
1.4 Bonding Diagram
Substrate must be connected to GND.
ASM2506C Pad Location
CHIP SIZE: X= 1550+120(um) , Y= 1770+120(um)
PAD # PAD Name
X
Y
PAD #
PAD Name
X
Y
1
RA3
-664.92
-476.16
7
TEST_PAD
105.44
-800.84
2
RA2
-664.92
-604.28
8
COUT
303.96
-800.84
3
RA1
-662.64
-800.84
9
VDD
683.04
-800.84
4
RA0
-468.24
-800.84
10
RB0
664.92
-599.84
5
OSC
-281.04
-800.84
11
RB1
664.92
-481.44
6
GND
-111.72
-800.84
ASM2506C
CHIP SIZE: X= 1550+120(um) , Y= 1770+120(um)
80K x 10 bit ROM
6
7
8
9
5
4
1
2
3
10
11
X= 1550+120(um)
Y= 1770+120(um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com