Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3106C Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # ASM3106C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM3106C Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  ASM3106C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM3106C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM3106C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM3106C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM3106C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM3106C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM3106C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev 1.0
2
FIGURE 1.1 : Block Diagram of ASM3106C/4106C
COUT
OSC
VDD/GND
ROM
1
PC[11:0]
ROM Latch
Instruction
Latch
Instruction
Decoder
0
PCH(8)
PCL(4)
PCLATCH(8)
DPR3,2,1
Program
DLATCH(10)
Clock Generator
Power on Reset
Test select
P1,P2,P3,P4
enter test mode
Timer0(9)
Reset Chip
Stack(12)
Data Bus[3:0]
Instruction Bus [9:0]
ROM_ADDR[16:0]
ROM_Data[9:0]
Data Bus[3:0]
Control Signal
ADDR[16:0]
=00000b
(ADDR[16:12])
PRASL(4)
weak or strong
pull-low for PRA,
(Data)
Instruction Bus [9:0]
( Voice synthesizer )
One-Channel
SRAM
(64 x 4)
40h-5Fh
(2-Level)
ALU(4)
Register(4)
Accumlator(4)
Immediate(4)
DPR[16:0]
RESET pin
Reset Chip
00h-1Fh
PRA(4)
PRB(2)
PRB, PRC
COUT
ASM3106C/4106C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com