Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

352001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 352001
Description  50 OHM COAXIAL CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

352001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  352001 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-P/N 352001 © 2009 ECS, Inc. All Rights Reserved. Printed in USA.
Connector Types for Cable 352001
Conductor: 20 AWG stranded silver plated copper
Dielectric: High temperature flouropolymer
Shield 1: Silver plated copper braid
Shield 2: 38 AWG silver plated copper braid
Jacket: Clear high temperature flouropolymer
(laser markable)
Physical Characteristics
Outer Diameter: 0.162 in. nominal
Bend Radius: 0.81 in. nominal
Weight: 2.7 lbs/100 ft nominal
Temperature Range: -55° to +200° C
Skydrol Resistant: Yes
Electrical Characteristics
Impedance: 50.0 Ohms nominal
Capacitance: 25.5 pF/ft nominal
DC Resistance: 8.5 Ohms/1000 ft nominal
Time Delay: 1.25 ns/ft nominal
Attenuation: 1 GHz 11.7 dB/100 ft;
(nominal)
2 GHz 16.3 dB/100 ft;
3 GHz 20.0 dB/100 ft;
5 GHz 26.1 dB/100 ft
Environmental:
• ECS avionics cables are designed to meet, or exceed,
burn requirements as set forth in Federal Aviation
Regulations 14 CFR Part 25.869(a)(4) Amdt 25-113,
Appendix F Part I(a)(3).
• They are manufactured with materials which, when
subjected to flames or high temperatures, will not
outgas deadly hydrogen chloride produced by
conventional PVC cables.
Cage Code: 66197 • Issue Date: 9/21/09
Connector Type
Connector P/N
Connector Type
Connector P/N
Connector Type
Connector P/N
TNC 90°
CTR3522
BNC 90°
CBR3522
ARINC 404 Size 1
LM3522
TNC 90° Extended
CTRE3522
BNC 90° Extended
CBRE3522
ARINC 600 Size 1
L35122
TNC 90° Long
CTRL3522
BNC 90° Long
CBRL3522
ARINC 600 Size 1RF
M35122
TNC Straight
CTS3522
BNC Straight
CBS3522
ARINC 600 Size 5
P3522
TNC Panel Mount
N/A
BNC Bulkhead
BBS3522
SMA 90°
CSR3522
TNC Bulkhead
BTS3522
N 90°
CNR3522
SMA Straight
CSS3522
C 90°
CCR3522
N Straight
CNS3522
HN 90°
CHR3522
C Straight
CCS3522
N Bulkhead
BNS3522


Similar Part No. - 352001

ManufacturerPart #DatasheetDescription
logo
MENDA
35200 MENDA-35200 Datasheet
229Kb / 1P
TWIST-LOCK, PUMP ONLY
April2016
logo
Aries Electronics, Inc.
352000 ARIES-352000 Datasheet
695Kb / 1P
Converts PLCC packaged IC-to-DIP footprints
logo
Lumberg
352004 LUMBERG-352004 Datasheet
122Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
352004 LUMBERG-352004 Datasheet
525Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
352005 LUMBERG-352005 Datasheet
122Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 352001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-C100 PASTERNACK-PE-C100 Datasheet
92Kb / 1P
50 OHM COAXIAL CABLE
PE-C200 PASTERNACK-PE-C200 Datasheet
90Kb / 1P
50 OHM COAXIAL CABLE
logo
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
50 OHM COAXIAL CABLE
310801 ETC2-310801 Datasheet
120Kb / 1P
50 OHM COAXIAL CABLE
311201 ETC2-311201 Datasheet
122Kb / 1P
50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
311901 ETC2-311901 Datasheet
119Kb / 1P
50 OHM COAXIAL CABLE
421201 ETC2-421201 Datasheet
109Kb / 1P
50 OHM COAXIAL CABLE
421601 ETC2-421601 Datasheet
109Kb / 1P
50 OHM COAXIAL CABLE
432101 ETC2-432101 Datasheet
99Kb / 1P
50 OHM COAXIAL CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com