Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM4106C Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # ASM4106C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM4106C Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  ASM4106C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM4106C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM4106C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM4106C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM4106C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM4106C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM4106C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASM4106C Data Sheet
Rev 1.0
1
ASM4106C – VERYLOW-COSTVOICESYNTHESIZERWITH4-BITMICROPROCESSOR
1.0 General Description
The ASM4106C is very low cost voice synthesizer with 4-bit microprocessor. It has various features
including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT), voice
synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt function
can minimize power dissipation. Its architecture is similar to RISC, with two stages of instruction
pipeline. It allows all instructions to be executed in a single cycle, except for program branches and
data table read instructions (which need two instruction cycles).
1.1 Feature
Single power supply can operate from 2.4V through 5V
Internal Program ROM: 4K x 10-bit
1 sets of 17-bit DPR can access up to 128K x 10 bits data memory space
Data Registers:
• 64 x 4-bit data RAM (00-1Fh plus 40h-5Fh)
• Unbanked special function registers (SFR) range: 20h-3Fh
I/O Ports:
• PRA: 4-bit I/O Port A (2Bh)
• PRB: 2-bit Output Port B (2Dh)
On-chip clock generator: Resistive Clock Drive(RM)
Timer: 1
• Timer0: a 9-bit auto-reload timer/counter
Stack: 2-level subroutine nesting
HALT and Release from HALT function to reduce power consumption
Watch Dog Timer (WDT)
Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
Number of instruction: 22
The Voice function can be implemented by microprocessor instruction
Aplus



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com